Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404133 Datasheet (PDF) - PHOENIX CONTACT

1404133 Datasheet PDF - PHOENIX CONTACT
Part # 1404133
Download  1404133 Download
File Size   533.25 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M 8MS/ 0,3-PUR/M 8FS SH - Sensor/actuator cable

1404133 Datasheet (PDF)

Go To PDF Page Download Datasheet
1404133 Datasheet PDF - PHOENIX CONTACT

Part # 1404133
Download  1404133 Click to download

File Size   533.25 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M 8MS/ 0,3-PUR/M 8FS SH - Sensor/actuator cable

1404133 Datasheet (HTML) - PHOENIX CONTACT


1404133 Product details

Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded (Tinned
copper braided shield), Plug straight M8, coding: A, on Socket straight M8, cable length: 0.3 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save space – with high-pos. connectors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1404133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404135 PHOENIX-1404135 Datasheet
533Kb / 15P
SAC-8P-M 8MS/ 1,5-PUR/M 8FS SH - Sensor/actuator cable
1404136 PHOENIX-1404136 Datasheet
533Kb / 15P
SAC-8P-M 8MS/ 3,0-PUR/M 8FS SH - Sensor/actuator cable
1404137 PHOENIX-1404137 Datasheet
534Kb / 17P
SAC-8P-M 8MS/ 1,5-PUR SH - Sensor/actuator cable
1404138 PHOENIX-1404138 Datasheet
525Kb / 17P
SAC-8P-M 8MS/10,0-PUR SH - Sensor/actuator cable
More results


Similar Description - 1404133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1453313 PHOENIX-1453313 Datasheet
79Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,3-PUR/KMYZ9
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1455311 PHOENIX-1455311 Datasheet
73Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/15,0-PUR/M 8FS SH
12/05/2018
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1529470 PHOENIX-1529470 Datasheet
88Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8MS
12/06/2018
1549939 PHOENIX-1549939 Datasheet
102Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/4P-M 8FS
12/06/2018
1562495 PHOENIX-1562495 Datasheet
106Kb / 5P
Sensor/actuator cable - SAC-4P-M 8MS/0,15-PUR/M 8FS
12/06/2018
1694923 PHOENIX-1694923 Datasheet
156Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/0,3-PUR/M 8FS
09/11/2020
1696978 PHOENIX-1696978 Datasheet
102Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 1,0-PUR/M 8FS
12/07/2018
1575822 PHOENIX-1575822 Datasheet
633Kb / 16P
SAC-5P-M 8MS/ 0,3-920/M 8FS - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com