Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404136 Datasheet (PDF) - PHOENIX CONTACT

1404136 Datasheet PDF - PHOENIX CONTACT
Part # 1404136
Download  1404136 Download
File Size   533.15 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M 8MS/ 3,0-PUR/M 8FS SH - Sensor/actuator cable

1404136 Datasheet (PDF)

Go To PDF Page Download Datasheet
1404136 Datasheet PDF - PHOENIX CONTACT

Part # 1404136
Download  1404136 Click to download

File Size   533.15 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M 8MS/ 3,0-PUR/M 8FS SH - Sensor/actuator cable

1404136 Datasheet (HTML) - PHOENIX CONTACT


1404136 Product details

Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded (Tinned
copper braided shield), Plug straight M8, coding: A, on Socket straight M8, cable length: 3 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save space – with high-pos. connectors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1404136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404133 PHOENIX-1404133 Datasheet
533Kb / 15P
SAC-8P-M 8MS/ 0,3-PUR/M 8FS SH - Sensor/actuator cable
1404135 PHOENIX-1404135 Datasheet
533Kb / 15P
SAC-8P-M 8MS/ 1,5-PUR/M 8FS SH - Sensor/actuator cable
1404137 PHOENIX-1404137 Datasheet
534Kb / 17P
SAC-8P-M 8MS/ 1,5-PUR SH - Sensor/actuator cable
1404138 PHOENIX-1404138 Datasheet
525Kb / 17P
SAC-8P-M 8MS/10,0-PUR SH - Sensor/actuator cable
More results


Similar Description - 1404136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417701 PHOENIX-1417701 Datasheet
98Kb / 7P
Sensor/Actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8SIFS
1425245 PHOENIX-1425245 Datasheet
129Kb / 9P
Sensor/actuator cable - SAC-3P-15,0-PUR/M 8FS
09/12/2020
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1455311 PHOENIX-1455311 Datasheet
73Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/15,0-PUR/M 8FS SH
12/05/2018
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1529470 PHOENIX-1529470 Datasheet
88Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8MS
12/06/2018
1549939 PHOENIX-1549939 Datasheet
102Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/4P-M 8FS
12/06/2018
1562495 PHOENIX-1562495 Datasheet
106Kb / 5P
Sensor/actuator cable - SAC-4P-M 8MS/0,15-PUR/M 8FS
12/06/2018
1693403 PHOENIX-1693403 Datasheet
157Kb / 12P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M12FR-2L
09/11/2020
1696978 PHOENIX-1696978 Datasheet
102Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 1,0-PUR/M 8FS
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com