Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSP400 Datasheet (PDF) - LSI Computer Systems

ZSP400 Datasheet PDF - LSI Computer Systems
Part # ZSP400
Download  ZSP400 Download
File Size   63.36 Kbytes
Page   2 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description Highly Efficient Quad-MAC DSP Core

ZSP400 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSP400 Datasheet PDF - LSI Computer Systems

Part # ZSP400
Download  ZSP400 Click to download

File Size   63.36 Kbytes
Page   2 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description Highly Efficient Quad-MAC DSP Core

ZSP400 Datasheet (HTML) - LSI Computer Systems


ZSP400 Product details

OVERVIEW

The ZSP540 processor core is a high-performance/power-efficient QuadMAC/Six-ALU implementation of the ZSP®G2 architecture. The ZSP540 utilizes a 16-bit architecture with extensive 32-bit capabilities and sets an unmatched balance of performance/power/size and memory utilization efficiency. The Z.Turbo feature provides the SOC designer with the option to extend the ZSP540 Instruction Set and the ability to add application-specific acceleration logic.



CORE FEATURES

• Quad-MAC/Six-ALU DSP core

• 4+1 instructions per cycle

• Up to 350MHz, 8-stage pipeline design

• Up to 1750 million instructions/sec

• Dual 64-bit wide Load/Store data ports

• Z.Turbo coprocessor extensions capable

• 24-bit address space

• HW managed instructions scheduling

• HW/SW controlled power management

• Real-time trace and profiling capability

• Full AMBA/AHB support (optional)

• JTAG debug interface

• Static, single phase clocked design

• Compatible with all other ZSP cores



ARCHITECTURE FEATURES

• Embedded control processing efficiency

• 32-bit addressing capabilities

• 16 and 32-bit standard instruction set

• Extensive 32-bit and 40-bit support

• Easy to program instruction set

• Load/store register based instructions

• Outstanding code density

• User extensible instruction set



APPLICATION BENEFITS

•High-performance DSP capabilities

•Excellent power/cost/speed balance

•Excellent multimedia audio/video processing

•Power efficient baseband processing performance

•DSP and system control functions handling capabilities

CORE FEATURES

• Quad-MAC/Six-ALU DSP core

• 4+1 instructions per cycle

• Up to 350MHz, 8-stage pipeline design

• Up to 1750 million instructions/sec

• Dual 64-bit wide Load/Store data ports

• Z.Turbo coprocessor extensions capable

• 24-bit address space

• HW managed instructions scheduling

• HW/SW controlled power management

• Real-time trace and profiling capability

• Full AMBA/AHB support (optional)

• JTAG debug interface

• Static, single phase clocked design

• Compatible with all other ZSP cores

ARCHITECTURE FEATURES

• Embedded control processing efficiency

• 32-bit addressing capabilities

• 16 and 32-bit standard instruction set

• Extensive 32-bit and 40-bit support




Similar Part No. - ZSP400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
ZSP4422ACN ETC1-ZSP4422ACN Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
ZSP4422ACU ETC1-ZSP4422ACU Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
ZSP4422ACX ETC1-ZSP4422ACX Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
ZSP4422ANEB ETC1-ZSP4422ANEB Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
More results


Similar Description - ZSP400

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
DIOPSIS 740 Dual Core DSP
logo
Power-One
FCP600-48 POWER-ONE-FCP600-48 Datasheet
164Kb / 6P
highly-efficient ac-dc power supply
logo
NXP Semiconductors
DC6M401X6-18S NXP-DC6M401X6-18S Datasheet
709Kb / 2P
Small, highly efficient switching converters
October 2012
logo
International Rectifier
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
logo
OSRAM GmbH
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
Highly efficient lightsource, slim package design
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK5806 AKM-AK5806 Datasheet
1Mb / 18P
Multi Core DSP with SRC
logo
OSRAM GmbH
SFH-487 OSRAM-SFH-487 Datasheet
165Kb / 13P
Very highly efficient GaAlAs-LED
logo
Renesas Technology Corp
ISL85003 RENESAS-ISL85003 Datasheet
1Mb / 23P
Highly Efficient 3A Synchronous Buck Regulator
logo
Asahi Kasei Microsystem...
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com