Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSP400 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # ZSP400
Description  Highly Efficient Quad-MAC DSP Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

ZSP400 Datasheet(HTML) 1 Page - LSI Computer Systems

  ZSP400 Datasheet HTML 1Page - LSI Computer Systems ZSP400 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZSP540 - Highly Efficient
Quad-MAC DSP Core
OVER VIEW
The ZSP540 processor core is a high-performance/power-efficient Quad-
MAC/Six-ALU implementation of the ZSP® G2 architecture. The ZSP540 utilizes a
16-bit architecture with extensive 32-bit capabilities and sets an unmatched
balance of performance/power/size and memory utilization efficiency. The
Z.Turbo feature provides the SOC designer with the option to extend the ZSP540
Instruction Set and the ability to add application-specific acceleration logic.
T ARGET MARKETS
•
2.5/3G wireless baseband processing
•
Multimedia wireless and mobile devices
•
Cable/xDSL
•
Wireless LAN (WLAN)
•
Set-top box and home gateways
•
Multi-channel Voice Over IP (VoIP)
•
Software Defined Radio (SDR)
APPLICA TION BENEFITS
•
High-performance DSP capabilities
•
Excellent power/cost/speed balance
•
Excellent multimedia audio/video processing
•
Power efficient baseband processing performance
•
DSP and system control functions handling capabilities
CORE FEA TURES
• Quad-MAC/Six-ALU DSP core
• 4+1 instructions per cycle
• Up to 350MHz, 8-stage pipeline design
• Up to 1750 million instructions/sec
• Dual 64-bit wide Load/Store data ports
• Z.Turbo coprocessor extensions capable
• 24-bit address space
• HW managed instructions scheduling
• HW/SW controlled power management
• Real-time trace and profiling capability
• Full AMBA/AHB support (optional)
• JTAG debug interface
• Static, single phase clocked design
• Compatible with all other ZSP cores
ARCHITECTURE FEA TURES
• Embedded control processing efficiency
• 32-bit addressing capabilities
• 16 and 32-bit standard instruction set
• Extensive 32-bit and 40-bit support
• Easy to program instruction set
• Load/store register based instructions
• Outstanding code density
• User extensible instruction set
SUPPOR T
• Highly optimized C-compiler
• Multimedia, voice and wireless experts
• Local support by ZSP solution experts
40-bit
ALU
16x16
MAC
16x16
MAC
Multiply/ALU Unit 0
40-bit
ALU
16x16
MAC
16x16
MAC
Multiply/ALU Unit 1
Bypass Logic
16-bit
ALU
16-bit
ALU
Timers
ALU Unit
Pipeline
Control Unit
(PCU)
Register File
Instruction
Sequence Unit
(ISU)
Prefetch Unit (PFU)
Interrupt Control
Co-Processor IF
Debug IF
File
Instruction Cache
Load/Store Unit (LSU)
Dual AGU
128-bit
64-bit
64-bit


Similar Part No. - ZSP400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
ZSP4422ACN ETC1-ZSP4422ACN Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
ZSP4422ACU ETC1-ZSP4422ACU Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
ZSP4422ACX ETC1-ZSP4422ACX Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
ZSP4422ANEB ETC1-ZSP4422ANEB Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
More results

Similar Description - ZSP400

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D740 ATMEL-AT572D740 Datasheet
269Kb / 22P
DIOPSIS 740 Dual Core DSP
logo
Power-One
FCP600-48 POWER-ONE-FCP600-48 Datasheet
164Kb / 6P
highly-efficient ac-dc power supply
logo
NXP Semiconductors
DC6M401X6-18S NXP-DC6M401X6-18S Datasheet
709Kb / 2P
Small, highly efficient switching converters
October 2012
logo
International Rectifier
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
logo
OSRAM GmbH
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
Highly efficient lightsource, slim package design
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
Multi Core DSP with SRC
AK5806 AKM-AK5806 Datasheet
1Mb / 18P
Multi Core DSP with SRC
logo
OSRAM GmbH
SFH-487 OSRAM-SFH-487 Datasheet
165Kb / 13P
Very highly efficient GaAlAs-LED
logo
Renesas Technology Corp
ISL85003 RENESAS-ISL85003 Datasheet
1Mb / 23P
Highly Efficient 3A Synchronous Buck Regulator
logo
Asahi Kasei Microsystem...
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
Multi Core DSP with SRC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com