Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652BIB48 Datasheet (PDF) - NXP Semiconductors

SC16C652BIB48 Datasheet PDF - NXP Semiconductors
Part # SC16C652BIB48
Download  SC16C652BIB48 Download
File Size   518.81 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder

SC16C652BIB48 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC16C652BIB48 Datasheet PDF - NXP Semiconductors

Part # SC16C652BIB48
Download  SC16C652BIB48 Click to download

File Size   518.81 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder

SC16C652BIB48 Datasheet (HTML) - NXP Semiconductors


SC16C652BIB48 Product details

1 General description
The SC16C652B is a 2 channel Universal Asynchronous Receiver and Transmitter (UART) used for serial data
communications. Its principal function is to convert parallel data into serial data and vice versa. The UART can
handle serial data rates up to 5 Mbit/s. The SC16C652B is pin compatible with the SC16C2550. It will power-up
to be functionally equivalent to the 16C2450. The SC16C652B provides enhanced UART functions with 32-byte
FIFOs, modem control interface, DMA mode data transfer, and IrDA encoder/decoder. The DMA mode data
transfer is controlled by the FIFO trigger levels and the TXRDY and RXRDY signals. On-board status registers
provide the user with error indications and operational status. System interrupts and modem control features
may be tailored by software to meet specific user requirements. An internal loopback capability allows on-board
diagnostics. Independent programmable baud rate generators are provided to select transmit and receive baud
rates.
The SC16C652B operates at 5 V, 3.3 V and 2.5 V and the industrial temperature range, and is available in
plastic LQFP48 and very small (Micro-UART) HVQFN32 packages.

2 Features
• 2 channel UART
• 5 V, 3.3 V and 2.5 V operation
• 5 V tolerant on input only pins1
• Industrial temperature range (-40 °C to +85 °C)
• Pin and functionally compatible to 16C2450 in LQFP48 package, and software compatible with industry
standard 16C450, 16C550, and SC16C650
• Up to 5 Mbit/s data rate at 5 V and 3.3 V, and 3 Mbit/s at 2.5 V
• 32-byte transmit FIFO to reduce the bandwidth requirement of the external CPU
• 32-byte receive FIFO with error flags to reduce the bandwidth requirement of the external CPU
• Independent transmit and receive UART control
• Four selectable Receive and Transmit FIFO interrupt trigger levels
• Automatic software (Xon/Xoff) and hardware (RTS/CTS) flow control
• Programmable Xon/Xoff characters
• Software selectable baud rate generator
• Standard modem interface or infrared IrDA encoder/decoder interface
• Supports IrDA version 1.0 (up to 115.2 kbit/s)
• Sleep mode
• Standard asynchronous error and framing bits (Start, Stop, and Parity Overrun Break)
• Transmit, Receive, Line Status, and Data Set interrupts independently controlled
• Fully programmable character formatting:
– 5-bit, 6-bit, 7-bit, or 8-bit characters
– Even, odd, or no-parity formats
– 1, 11⁄2, or 2-stop bit
– Baud generation (DC to 5 Mbit/s)
• False start-bit detection
• Complete status reporting capabilities
• 3-state output TTL drive capabilities for bidirectional data bus and control bus
• Line break generation and detection
• Internal diagnostic capabilities:
– Loopback controls for communications link fault isolation
• Prioritized interrupt system controls
• Modem control functions (CTS, RTS, DSR, DTR, RI, CD)




Similar Part No. - SC16C652BIB48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C652BIB48 PHILIPS-SC16C652BIB48 Datasheet
205Kb / 44P
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C652BIB48 NXP-SC16C652BIB48 Datasheet
219Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005
More results


Similar Description - SC16C652BIB48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C652B PHILIPS-SC16C652B Datasheet
205Kb / 44P
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C654B PHILIPS-SC16C654B Datasheet
302Kb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 02-20 June 2005
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C650B NXP-SC16C650B Datasheet
251Kb / 48P
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 04-14 September 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC16C652B NXP-SC16C652B_V01 Datasheet
219Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com