Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C652B Datasheet (PDF) - NXP Semiconductors

SC68C652B Datasheet PDF - NXP Semiconductors
Part # SC68C652B
Download  SC68C652B Download
File Size   205.55 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface

SC68C652B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC68C652B Datasheet PDF - NXP Semiconductors

Part # SC68C652B
Download  SC68C652B Click to download

File Size   205.55 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface

SC68C652B Datasheet (HTML) - NXP Semiconductors


SC68C652B Product details

General description
The SC68C652B is a 2 channel Universal Asynchronous Receiver and Transmitter (UART) used for serial data communications. Its principal function is to convert parallel data into serial data and vice versa. The UART can handle serial data rates up to 5 Mbit/s. The SC68C652B is pin compatible with the SC68C2550B. The SC68C652B provides enhanced UART functions with 32-byte FIFOs, modem control interface, DMA mode data transfer, and infrared (IrDA) encoder/decoder.

Features
■ 2 channel UART with 68 mode (Motorola) µP interface
■ 5 V, 3.3 V and 2.5 V operation
■ 5 V tolerant on input only pins1
■ Industrial temperature range (−40 °C to +85 °C)
■ Software compatible with industry standard 16C450, 16C550, and SC16C650
■ Up to 5 Mbit/s baud rate at 5 V and 3.3 V, and 3 Mbit/s at 2.5 V
■ 32-byte transmit FIFO to reduce the bandwidth requirement of the external CPU
■ 32-byte receive FIFO with error flags to reduce the bandwidth requirement of the external CPU
■ Independent transmit and receive UART control
■ Four selectable receive and transmit FIFO interrupt trigger levels
■ Automatic software (Xon/Xoff) and hardware (RTSn/CTSn) flow control
■ Programmable Xon/Xoff characters
■ Software selectable baud rate generator
■ Standard modem interface or infrared IrDA encoder/decoder interface
■ Supports IrDA version 1.0 (up to 115.2 kbit/s)
■ Sleep mode
■ Standard asynchronous error and framing bits (Start, Stop, and Parity Overrun Break)
■ Transmit, Receive, Line Status, and Data Set interrupts independently controlled
■ Fully programmable character formatting:
   ◆ 5, 6, 7, or 8-bit characters
   ◆ Even, odd, or no parity formats
   ◆ 1, 11⁄2, or 2 stop bit generation
   ◆ Baud generation (DC to 5 Mbit/s)
■ False start bit detection
■ Complete status reporting capabilities
■ 3-state output TTL drive capabilities for bidirectional data bus and control bus
■ Line break generation and detection
■ Internal diagnostic capabilities:
   ◆ Loopback controls for communications link fault isolation
■ Prioritized interrupt system controls
■ Modem control functions (CTS, RTS, DSR, DTR, RI, and CD)




Similar Part No. - SC68C652B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC68C198 PHILIPS-SC68C198 Datasheet
358Kb / 49P
Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C198A1A PHILIPS-SC68C198A1A Datasheet
358Kb / 49P
Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C198C1A PHILIPS-SC68C198C1A Datasheet
358Kb / 49P
Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C2550BIB48 NXP-SC68C2550BIB48 Datasheet
182Kb / 36P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
More results


Similar Description - SC68C652B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C652B PHILIPS-SC16C652B Datasheet
205Kb / 44P
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C654B PHILIPS-SC16C654B Datasheet
302Kb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 02-20 June 2005
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C650B NXP-SC16C650B Datasheet
251Kb / 48P
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 04-14 September 2009
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC68C752B NXP-SC68C752B Datasheet
358Kb / 48P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
Rev. 04-20 January 2010
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC16C652B NXP-SC16C652B_V01 Datasheet
219Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com