Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C2550B Datasheet (PDF) - NXP Semiconductors

SC68C2550B Datasheet PDF - NXP Semiconductors
Part # SC68C2550B
Download  SC68C2550B Download
File Size   182.32 Kbytes
Page   36 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface

SC68C2550B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC68C2550B Datasheet PDF - NXP Semiconductors

Part # SC68C2550B
Download  SC68C2550B Click to download

File Size   182.32 Kbytes
Page   36 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface

SC68C2550B Datasheet (HTML) - NXP Semiconductors


SC68C2550B Product details

General description
The SC68C2550B is a two channel Universal Asynchronous Receiver and Transmitter (UART) used for serial data communications. Its principal function is to convert parallel data into serial data and vice versa. The UART can handle serial data rates up to 5 Mbit/s.

Features
■ 2 channel UART with 68 mode (Motorola) µP interface
■ 5 V, 3.3 V and 2.5 V operation
■ 5 V tolerant on input only pins1
■ Industrial temperature range
■ Up to 5 Mbit/s data rate at 5 V and 3.3 V, and 3 Mbit/s at 2.5 V
■ 16-byte transmit FIFO to reduce the bandwidth requirement of the external CPU
■ 16-byte receive FIFO with error flags to reduce the bandwidth requirement of the external CPU
■ Independent transmit and receive UART control
■ Four selectable Receive FIFO interrupt trigger levels
■ Software selectable baud rate generator
■ Standard asynchronous error and framing bits (Start, Stop, and Parity Overrun Break)
■ Transmit, Receive, Line Status, and Data Set interrupts independently controlled
■ Fully programmable character formatting:
   ◆ 5, 6, 7, or 8-bit characters
   ◆ Even, odd, or no-parity formats
   ◆ 1, 11⁄2, or 2-stop bit
   ◆ Baud generation (DC to 5 Mbit/s)
■ False start-bit detection
■ Complete status reporting capabilities
■ 3-state output TTL drive capabilities for bidirectional data bus and control bus
■ Line break generation and detection
■ Internal diagnostic capabilities:
   ◆ Loopback controls for communications link fault isolation
■ Prioritized interrupt system controls
■ Modem control functions (CTS, RTS, DSR, DTR, RI, CD)




Similar Part No. - SC68C2550B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC68C198 PHILIPS-SC68C198 Datasheet
358Kb / 49P
Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C198A1A PHILIPS-SC68C198A1A Datasheet
358Kb / 49P
Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C198C1A PHILIPS-SC68C198C1A Datasheet
358Kb / 49P
Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC68C562A8A PHILIPS-SC68C562A8A Datasheet
163Kb / 26P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
More results


Similar Description - SC68C2550B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC68C752B NXP-SC68C752B Datasheet
358Kb / 48P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 關P interface
Rev. 04-20 January 2010
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com