Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-762JLC Datasheet (PDF) - Advanced Micro Devices

AMD-762JLC Datasheet PDF - Advanced Micro Devices
Part # AMD-762JLC
Download  AMD-762JLC Download
File Size   2234.31 Kbytes
Page   122 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description System Controller

AMD-762JLC Datasheet (PDF)

Go To PDF Page Download Datasheet
AMD-762JLC Datasheet PDF - Advanced Micro Devices

Part # AMD-762JLC
Download  AMD-762JLC Click to download

File Size   2234.31 Kbytes
Page   122 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description System Controller

AMD-762JLC Datasheet (HTML) - Advanced Micro Devices


AMD-762JLC Product details

Features
The AMD Athlon™ processor powers the next generation in computing platforms, delivering the ultimate performance for cutting-edge applications and an unprecedented computing experience.

The AMD-760MPX™ and AMD-760MP™ chipsets are highly integrated system logic solutions that deliver enhanced performance for the AMD Athlon™ processor and other AMD Athlon processor system bus-compatible processors. The AMD-760MPX chipset consists of the AMD-762™ system controller in a 949-pin Ceramic Column Grid Array (CCGA) package and the AMD-768™ peripheral bus controller. The AMD-760MP chipset consists of the AMD-762 system controller in a CCGA package and the AMD-766™ peripheral bus controller.

The AMD-762 system controller features the AMD Athlon system bus, system memory controller, Accelerated Graphics Port (AGP) controller, and Peripheral Component Interconnect (PCI) bus controller. Figure 1 on page 5 shows a block diagram for the AMD-760MPX chipset. Figure 2 on page 6 shows a block diagram for the AMD-760MP chipset.

The AMD-762 system controller is designed with the following
features:
■ Two AMD Athlon processor system buses support the high-speed, split-transaction AMD Athlon system bus interface. These buses are designed to operate at 100/200-MHz or 133/266-MHz double-data rate.
■ A 66/33-MHz 64/32-bit PCI 2.2-compliant bus interface supports up to seven bus masters plus the AMD-766 peripheral bus controller at 33 MHz or up to two bus masters plus the AMD-768 peripheral bus controller at 66 MHz.
■ The 66-MHz AGP 2.0-compliant interface supports 1x, 2x, and 4x data transfer mode.
■ High-speed memory—The AMD-762 system controller is designed to support DDR SDRAM DIMMs, operating at either 100/200-MHz or 133/266-MHz double-data rate. Note that the DDR interface speed is always locked to the frontside bus speed.




Similar Part No. - AMD-762JLC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD-761 AMD-AMD-761 Datasheet
2Mb / 264P
AMD-761-TM System Controller Software/BIOS Design Guide
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
Peripheral Bus Controller
AMD-766AC AMD-AMD-766AC Datasheet
568Kb / 96P
Peripheral Bus Controller
More results


Similar Description - AMD-762JLC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
System Controller
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
Portable System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
Stepper System Controller
logo
Advanced Micro Devices
AM9513A AMD-AM9513A Datasheet
2Mb / 39P
SYSTEM TIMING CONTROLLER
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
SYSTEM CONTROLLER
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
Ethernet System Controller
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
PM8172 System Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
Portable System Controller
REV: 080805
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com