Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211A Datasheet (PDF) - Texas Instruments

TUSB211A Datasheet PDF - Texas Instruments
Part # TUSB211A
Download  TUSB211A Download
File Size   2350.57 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner

TUSB211A Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB211A Datasheet PDF - Texas Instruments

Part # TUSB211A
Download  TUSB211A Click to download

File Size   2350.57 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner

TUSB211A Datasheet (HTML) - Texas Instruments


TUSB211A Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 2: -40°C to 105°C
• Wide supply voltage range: 2.3 – 6.5V
• Ultra-low USB disconnect and shutdown power
consumption
• Provides USB 2.0 high-speed signal conditioning
• Compatible with USB 2.0, OTG 2.0, and BC 1.2
• Support for low-speed, full-speed, and high-speed
signaling
• Host or device agnostic
• Supports up to 5m cable length
– Four selectable signal EQ (edge boost along
with DC boost) settings through the external
pull-down resistor values
• Supports up to 10m cable length with two
TUSB211A-Q1 devices
• Scalable solution – devices can be daisy chained
for high loss applications
• Pin compatible with TUSB211, 212, 214, 216, and
217A (3.3V)

2 Applications
• Automotive infotainment and cluster
• Automotive head unit
• Active cable, cable extenders, and backplane

3 Description
The TUSB211A-Q1 is a third-generation USB™
2.0 high-speed signal conditioner designed to
compensate both AC loss (due to capacitive load) and
DC loss (due to resistive loss) in the transmission
channel.
The TUSB211A-Q1 leverages a patented design to
speed-up transition edges of USB 2.0 high-speed
signal with an edge booster and increases static
levels with a DC boost function.
In addition, the TUSB211A-Q1 includes a preequalization
function to compensate the inter-symbol
interference (ISI) jitter in application with longer
cable length. USB low-speed and full-speed signal
characteristics are unaffected by the TUSB211A-Q1.
The TUSB211A-Q1 improves signal quality without
altering packet timing or adding propagation delay or
latency.
The TUSB211A-Q1 helps a system to pass the USB
2.0 high-speed near end eye compliance with a cable
as long as 5 meters.
The TUSB211A-Q1 is compatible with USB On-The-
Go (OTG) and Battery Charging (BC) protocols.




Similar Part No. - TUSB211A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211AI TI-TUSB211AI Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211AI TI-TUSB211AI Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211AIRWBR TI-TUSB211AIRWBR Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Similar Description - TUSB211A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Texas Instruments
TUSB216-Q1 TI-TUSB216-Q1 Datasheet
4Mb / 33P
TUSB216-Q1 USB 2.0 High-Speed Signal Conditioner With BC 1.2 Controller
SEPTEMBER 2021
logo
Renesas Technology Corp
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com