Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6031T Datasheet (PDF) - Microchip Technology

MCP6031T Datasheet PDF - Microchip Technology
Part # MCP6031T
Download  MCP6031T Download
File Size   985.31 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 0.9 uA, High Precision Op Amps

MCP6031T Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6031T Datasheet PDF - Microchip Technology

Part # MCP6031T
Download  MCP6031T Click to download

File Size   985.31 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 0.9 uA, High Precision Op Amps

MCP6031T Datasheet (HTML) - Microchip Technology


MCP6031T Product details

Description

The Microchip Technology Inc. MCP6031/2/3/4 family of operational amplifiers (op amps) operate with a single supply voltage as low as 1.8V, while drawing ultra low quiescent current per amplifier (0.9 µA, typical). This family also has low input offset voltage (±150 µV, maximum) and rail-to-rail input and output operation. This combination of features supports battery-powered and portable applications.



Features

• Rail-to-Rail Input and Output

• Low Offset Voltage: ±150 µV (maximum)

• Ultra Low Quiescent Current: 0.9 µA (typical)

• Wide Power Supply Voltage: 1.8V to 5.5V

• Gain Bandwidth Product: 10 kHz (typical)

• Unity Gain Stable

• Chip Select (CS) capability: MCP6033

• Extended Temperature Range:

- -40°C to +125°C

• No Phase Reversal



Applications

• Toll Booth Tags

• Wearable Products

• Battery Current Monitoring

• Sensor Conditioning

•Battery Powered




Similar Part No. - MCP6031T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6031T-E/MC MICROCHIP-MCP6031T-E/MC Datasheet
660Kb / 34P
0.9 關A, High Precision Op Amps
2008
MCP6031T-E/MS MICROCHIP-MCP6031T-E/MS Datasheet
660Kb / 34P
0.9 關A, High Precision Op Amps
2008
MCP6031T-E/OT MICROCHIP-MCP6031T-E/OT Datasheet
660Kb / 34P
0.9 關A, High Precision Op Amps
2008
MCP6031T-E/SL MICROCHIP-MCP6031T-E/SL Datasheet
660Kb / 34P
0.9 關A, High Precision Op Amps
2008
MCP6031T-E/SN MICROCHIP-MCP6031T-E/SN Datasheet
660Kb / 34P
0.9 關A, High Precision Op Amps
2008
More results


Similar Description - MCP6031T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
logo
Linear Technology
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
Ultralow Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
logo
Microchip Technology
MCP6031 MICROCHIP-MCP6031_08 Datasheet
660Kb / 34P
0.9 關A, High Precision Op Amps
2008
MCP6071 MICROCHIP-MCP6071_10 Datasheet
1Mb / 40P
110 uA, High Precision Op Amps
2010
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
logo
Linear Technology
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
Ultralow Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
Ultralow Noise Precision High Speed Op Amps
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com