Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9203 Datasheet (PDF) - Enercon Technologies Europe AG

M9203 Datasheet PDF - Enercon Technologies Europe AG
Part # M9203
Download  M9203 Download
File Size   573.12 Kbytes
Page   9 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description 3.2 kW AC to DC Baseplate Cooled Power Supply

M9203 Datasheet (PDF)

Go To PDF Page Download Datasheet
M9203 Datasheet PDF - Enercon Technologies Europe AG

Part # M9203
Download  M9203 Click to download

File Size   573.12 Kbytes
Page   9 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description 3.2 kW AC to DC Baseplate Cooled Power Supply

M9203 Datasheet (HTML) - Enercon Technologies Europe AG


M9203 Product details

The main features of the M9203 are
➢ Complies with the User Interface Requirements of MIL-STD-1399-300B.
➢ Clean sine-wave input current – less than 3% harmonic current.
➢ Full-load Power Factor (PF) of above 0.98.
➢ Inrush current limiting.
➢ Conduction cooled via the baseplate.
➢ Inhibit Input, BIT and Current Monitor outputs.
➢ Overload, Overtemperature, Overvoltage and Missing-phase protections.
➢ Exceptional step-load response.
➢ Stable operation when loaded by large capacitance loads.
➢ Full galvanic isolation between Input, Chassis and Outputs.
➢ Withstands MIL-STD-1399-300B 2,500 V spikes.
➢ Complies with MIL-STD-461G for shipboard application.
➢ Complies with MIL-STD-167-1 (Type I) shipboard vibration.
➢ Robust mechanical design, intended for systems that should withstand MIL-DTL-901E high impact shocks.
➢ Up to 5 (five) identical M9203 unis can be connected in parallel (current share) and provide up to 16KW of regulated and protected power.
➢ Less than 1/5th of the Human Body Leakage limits of MIL-STD-1399-300B, allowing safe parallel connection of up to five M9203 units.
➢ J-STD-001B and IPC-610A Class-3 workmanship.
➢ Conformal Coating per MIL-I-46058C and IPC-CC-830.




Similar Part No. - M9203

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
PXIe High-Speed Digitizer/ Wideband Digital Receiver
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
PXIe High-Speed Digitizer
M9203A KEYSIGHT-M9203A Datasheet
3Mb / 39P
M9393A PXIe Performance Vector Signal Analyzer
M9203A-BB1 KEYSIGHT-M9203A-BB1 Datasheet
2Mb / 14P
PXIe High-Speed Digitizer
M9203A-CB0 KEYSIGHT-M9203A-CB0 Datasheet
2Mb / 14P
PXIe High-Speed Digitizer
More results


Similar Description - M9203

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPCE030C112 LINKCOM-BPCE030C112 Datasheet
80Kb / 1P
AC TO DC LED POWER SUPPLY
LSP10A212001 LINKCOM-LSP10A212001 Datasheet
56Kb / 1P
AC TO DC LED POWER SUPPLY
LSP10A224001 LINKCOM-LSP10A224001 Datasheet
91Kb / 1P
AC TO DC LED POWER SUPPLY
LSP10A236001 LINKCOM-LSP10A236001 Datasheet
92Kb / 1P
AC TO DC LED POWER SUPPLY
LSP10A248001 LINKCOM-LSP10A248001 Datasheet
75Kb / 1P
AC TO DC LED POWER SUPPLY
LSP600212001-50 LINKCOM-LSP600212001-50 Datasheet
135Kb / 3P
AC TO DC LED POWER SUPPLY
logo
List of Unclassifed Man...
LF2200 ETC1-LF2200 Datasheet
122Kb / 1P
AC to DC LED Power Supply
logo
XP Power Limited
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
100 W - Baseplate Cooled
ECC XPPOWER-ECC Datasheet
318Kb / 2P
100 W - Baseplate Cooled
MCC400-600 XPPOWER-MCC400-600 Datasheet
347Kb / 2P
Baseplatecooled
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com