Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECC Datasheet (PDF) - XP Power Limited

ECC Datasheet PDF - XP Power Limited
Part # ECC
Download  ECC Download
File Size   318.82 Kbytes
Page   2 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description 100 W - Baseplate Cooled

ECC Datasheet (PDF)

Go To PDF Page Download Datasheet
ECC Datasheet PDF - XP Power Limited

Part # ECC
Download  ECC Click to download

File Size   318.82 Kbytes
Page   2 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description 100 W - Baseplate Cooled

ECC Datasheet (HTML) - XP Power Limited




Similar Part No. - ECC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECC 82 PHILIPS-ECC 82 Datasheet
498Kb / 11P
Double Triode 1954
ECC 83 PHILIPS-ECC 83 Datasheet
466Kb / 11P
Double Triode
11.11.1954
logo
Ecliptek Corporation
ECC-20-30.000M-GA ECLIPTEK-ECC-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECC-20-30.000M-GTR ECLIPTEK-ECC-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECC-20-30.000M-I2A ECLIPTEK-ECC-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
More results


Similar Description - ECC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIF12W300 EMERSON-NETWORKPOWER-AIF12W300 Datasheet
148Kb / 2P
600 W continuous power at 100 째C baseplate temperature
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
100 W Convection Rating, 150 W Forcedcooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
100 W - Baseplate Cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
100 W Convection-cooled
EMH XPPOWER-EMH Datasheet
6Mb / 22P
250 W & 350 W Forced-cooled
MCC400-600 XPPOWER-MCC400-600 Datasheet
347Kb / 2P
Baseplatecooled
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
80/100 W Convection & Force-cooled Ratings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com