Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECC Datasheet(PDF) 2 Page - XP Power Limited

Part # ECC
Description  100 W - Baseplate Cooled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECC Datasheet(HTML) 2 Page - XP Power Limited

  ECC Datasheet HTML 1Page - XP Power Limited ECC Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-April-14
0.25 Faston
Ground tab
4 x M3-0.5
2 x 0.20 (5.1)
2.30 (58.4)
2 x 4.60 (116.8)
5.00 (127.0)
1.55
(39.4)
2 x 0.23
(5.8)
J1
1
2
3 x 0.20
(5.1)
0.40
(10.2)
2 x 3.70
(94.0)
5 x M3 clearance holes
4.10
(104.1)
3.30
(83.8)
Voltage Adj.
Mounting surface
marked with “A”
Screw Terminal Side View
J2
J3
1
1
2
10
9
8
0.40
(10.2)
4.10
(104.1)
3.30
(83.8)
ECC100
Models and Ratings
Input Connector J1
Molex PN 09-65-2038
1
Line
2
Neutral
Mechanical Details
Thermal Considerations
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. Weight 1.2 lbs (550 g)
J1 mates with Molex housing
PN 09-50-1031.
Output Connector J2
Molex PN 09-65-2088
Pin
Single Output
1
+V1
2
+V1
3
+V1
4
+V1
5
RTN
6
RTN
7
RTN
8
RTN
J2 mates with Molex housing PN
09-50-1081 and both with Molex
series 5194 crimp terminals
.
Signal Connector J3
Molex PN B10B-PHDSS
1
+5 V Standby
2
Logic GND
3
Logic GND
4
Power OK
5
Inhibit Hi
6
Inhibit Lo
7
+Sense
8
-Sense
9
+Vout
10
-Vout
J3 mates with JST housing PN
PHDR-10VS and with
JST SPHD-001T-P0.5 crimp terminals.
Output Power
Output Voltage V1
Output Current V1
Standby Supply V2
Model Number(1)
100 W
12.0 VDC
8.1 A
5.0 V/0.5 A
ECC100US12
100 W
15.0 VDC
6.5 A
5.0 V/0.5 A
ECC100US15
100 W
24.0 VDC
4.1 A
5.0 V/0.5 A
ECC100US24
100 W
28.0 VDC
3.5 A
5.0 V/0.5 A
ECC100US28
100 W
48.0 VDC
2.0 A
5.0 V/0.5 A
ECC100US48
Notes
1. For optional surge filter add suffix ‘-F’ to model number, e.g. ECC100US12-F. See longform datasheet for further details and mechanical drawings.
2. Add suffix -S for screw terminals, consult sales for restrictions and availability.
The baseplate must be maintained below +85 °C and therefore a suitable heatsink must be selected to remove the heat from the power supply. Details of heatsink
calculations and other considerations can be found in the longform datasheet.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com