Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M641 Datasheet (PDF) - Enercon Technologies Europe AG

M641 Datasheet PDF - Enercon Technologies Europe AG
Part # M641
Download  M641 Download
File Size   550.8 Kbytes
Page   5 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description DC/DC POWER SUPPLY

M641 Datasheet (PDF)

Go To PDF Page Download Datasheet
M641 Datasheet PDF - Enercon Technologies Europe AG

Part # M641
Download  M641 Click to download

File Size   550.8 Kbytes
Page   5 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description DC/DC POWER SUPPLY

M641 Datasheet (HTML) - Enercon Technologies Europe AG


M641 Product details

PRODUCT HIGHLIGHTS
• MINIATURE, HIGH DENSITY
• NINE OUTPUTS
• UP TO 250 W
• DC/DC POWER SUPPLY

SPECIAL FEATURES
• Miniature size
• High efficiency
• Wide input range
• Input / Output isolation
• Fixed switching frequency (250 kHz)
• External synchronization capability
• TTL logic enable
• EMI/RFI filters included
• Indefinite short circuit protection with auto-recovery
• Over-voltage shutdown with auto-recovery
• Over temperature shutdown with auto-recovery




Similar Part No. - M641

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M64 ENERCON-M64 Datasheet
375Kb / 2P
Rugged Small Size USB3 Flash Drive
logo
Deep Sea Electronics
M640 DSE-M640 Datasheet
1Mb / 7P
PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
logo
Mitsubishi Electric Sem...
M64080GP MITSUBISHI-M64080GP Datasheet
255Kb / 10P
410MHz 2SYSTEM 1CHIP PLL FREQUENCY SYNTHESIZER
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
Serial input pll prequency synthesizer for TV/VCR
M64270G MITSUBISHI-M64270G Datasheet
82Kb / 3P
M64270G
More results


Similar Description - M641

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
DC/DC Power Supply Module
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
DC/DC Power Supply Module
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
Power Supply DC-DC Converters
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
DC POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com