Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M641 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M641
Description  DC/DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M641 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M641 Datasheet HTML 1Page - Enercon Technologies Europe AG M641 Datasheet HTML 2Page - Enercon Technologies Europe AG M641 Datasheet HTML 3Page - Enercon Technologies Europe AG M641 Datasheet HTML 4Page - Enercon Technologies Europe AG M641 Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Nov 2, 2021
|
Rev g
|
Doc: DS_M641 Series
M641 SERIES DC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
APPLICATIONS
Military, Ruggedized, Telecom, Industrial
SPECIAL FEATURES
• Miniature size
• High efficiency
• Wide input range
• Input / Output isolation
• Fixed switching frequency (250 kHz)
• External synchronization capability
• TTL logic enable
• EMI/RFI filters included
• Indefinite short circuit protection with auto-recovery
• Over-voltage shutdown with auto-recovery
• Over temperature shutdown with auto-recovery
ENVIRONMENTAL
Meets or exceeds MIL-STD-810D
Temperature:
Operating –55C to +90C (baseplate)
Storage –55C to +125C
RELIABILITY
150,000 hours, calculated per
MIL-STD-217F at +85C baseplate, ground fixed.
ELECTRICAL SPECIFICATIONS
DC INPUT
DC Input range: 18
to 70 VDC Input
transient protection:
All models meet or exceed (no damage)
MIL-STD-1275A (100V for 50 mSec) and
MIL-STD-704A, MIL-STD-704D (80V for 0.1 Sec)
Efficiency:
up to
80% EMC:
Designed to meet MIL-STD-
461F*
CE101, CE102, CS101,
CS114, CS115, CS116,
RE101, RE102, RS101,
RS103
Isolation:
200V between Input
and Output 200V
between Input and
Case
DC OUTPUT (floating)
Line/Load regulation:
Less than 1% (no load to full load, –55C to +90C)
Ripple and Noise: 50mVp-p, typical
(max. 1%)Current limiting (Hiccup):
Continuous protection for unlimited
time
Over voltage protection:
Passive transorb on outputs.
Over temperature protection:
Shutdown at baseplate temperature of +105C (5C)
Automatic recovery at baseplate
temperature lower than +95C
(5C)
Isolation:
200V between Output and
Input 100V between
Output and Case
* EMC compliance achieved when tested with 5 μH LISNs,
shielded harness and static resistive load.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com