Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-HOB Datasheet (PDF) - Enercon Technologies Europe AG

300-HOB Datasheet PDF - Enercon Technologies Europe AG
Part # 300-HOB
Download  300-HOB Download
File Size   742.26 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military Grade USB 3.1 advanced featured Smart HUB On Board (USBHoB)

300-HOB Datasheet (PDF)

Go To PDF Page Download Datasheet
300-HOB Datasheet PDF - Enercon Technologies Europe AG

Part # 300-HOB
Download  300-HOB Click to download

File Size   742.26 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military Grade USB 3.1 advanced featured Smart HUB On Board (USBHoB)

300-HOB Datasheet (HTML) - Enercon Technologies Europe AG


300-HOB Product details

PRODUCT DESCRIPTION
The MILTECH™ 300-HoB USB hub enables the
connectivity and communication between multiple
USB devices and the main computer. This USB hub
features 6 USB 3.1 ports each of them also supports
battery charging functionality along with regular USB3.1
data path, a dedicated IO port (I²C, External Power and
GPIO compatible), and a single gigabit Ethernet port.
With a wide input voltage range of 12-28VDC and up
to 2A downstream power per port for either charging
or powering devices. The MILTECH 300-HoB supports
the four most popular battery charging profiles (DCP,
Techaya’s MILTECH™ 300-HoB USB hub enables the
connectivity and communication between multiple USB
devices and the main computer. This USB hub features
6 USB 3.1 ports each of them also supports battery
charging functionality along with regular USB3.1 data
path, a dedicated IO port (SPI, I²C, External Power and
GPIO compatible), and a single gigabit Ethernet port.
With a wide input voltage range of 12-28VDC and up
to 2A downstream power per port for either charging
or powering devices. The MILTECH 300-HoB supports
the four most popular battery charging profiles (DCP,
CDP, SDP and custom profiles) to power and charge
USB devices including: portable handhelds, storage,
sensors, human interface devices and GPS.
The internal Ethernet interface allows to communicate
with upstream devices over a standard Ethernet
network, further extending the flexibility of the hub
and attached USB devices.
MILTECH™ 300 designed to withstand MIL-STD-810
environmental compliance and MIL-STD-461 EMI/RFI
compliance when installed in an appropriate chassis.
CDP, SDP and custom profiles) to power and charge
USB devices including: portable handhelds, storage,
sensors, human interface devices and GPS.
The internal Ethernet interface allows to communicate
with upstream devices over a standard Ethernet
network, further extending the flexibility of the hub
and attached USB devices.
MILTECH™ 300 designed to withstand MIL-STD-810
environmental compliance and MIL-STD-461 EMI/RFI
compliance when installed in an appropriate chassis.




Similar Part No. - 300-HOB

ManufacturerPart #DatasheetDescription
logo
EAO AG.
300-0001- EAO-300-0001- Datasheet
3Mb / 86P
Switches and Indicators
01.2002
300-0002-00 EAO-300-0002-00 Datasheet
299Kb / 14P
Series 10 LED
03.2010
300-0002-00 EAO-300-0002-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
300-0003-00 EAO-300-0003-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
300-0004-00 EAO-300-0004-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results


Similar Description - 300-HOB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
Four-Port USB 3.1 Gen1 Hub
logo
Microchip Technology
USB5806 MICROCHIP-USB5806 Datasheet
824Kb / 60P
6-Port USB 3.1 Gen 1 Smart Hub
10/25/17
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
CG-3510S4-BOARD COOLGEAR-CG-3510S4-BOARD Datasheet
884Kb / 2P
USB 3.1 4 Port Mini Hub Component Board with ESD
Rev 01.200714
CG-U3MINI4PH COOLGEAR-CG-U3MINI4PH Datasheet
2Mb / 3P
USB 3.1 Powered 4 Port Mini Hub with ESD & Surge Protection
Rev 04.210506
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com