Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-CBL410001 Datasheet (PDF) - Enercon Technologies Europe AG

2-CBL410001 Datasheet PDF - Enercon Technologies Europe AG
Part # 2-CBL410001
Download  2-CBL410001 Download
File Size   816.59 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities

2-CBL410001 Datasheet (PDF)

Go To PDF Page Download Datasheet
2-CBL410001 Datasheet PDF - Enercon Technologies Europe AG

Part # 2-CBL410001
Download  2-CBL410001 Click to download

File Size   816.59 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities

2-CBL410001 Datasheet (HTML) - Enercon Technologies Europe AG


2-CBL410001 Product details

FEATURES DESCRIPTION
The advancement of technologies in the modern
warfare has allowed the design of increasingly versatile
tools in order to perform effectively and coherently
in the battlefield. The modern infantry soldier, fully
equipped with advanced weapon and communication
systems, has become a source of battlefield intelligence.
Outfitted with a multitude of electronic devices, such as
a navigation system, battery packs, headsets, warning
sensors, video visor for weapons, night vision glasses
and many more.
The weight and amount of these devices, as well as
the multiple power requirements, increases the need
for miniaturization and energy management in order
to engage easily and effectively in the battlefield.
MILTECH410 is an integrated soldier power and data
management system (ISPDS) with combining 1G
LAN, USB3 and SMBUS communication for infantry
soldiers. The MILTECH 410 has the ability to prioritize
energy supply to the different devices. In addition, the
unit can be hooked up to an external power source
and charges the input batteries.
The MILTECH410 outfits soldiers in the digital
battlefield with a lightweight, fully integrated infantry
combat ISPDS systems. We offer a range of lightweight
adaptable systems that are ideally suited for
frontline forces in the most complex modern battlefield
scenarios. This new and unique concept aggregates
and delivers intelligence information along with all
required communication in a tiny, light weight package
that can be carried in smart combat vest solutions.




Similar Part No. - 2-CBL410001

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
2-CBL16SERINT ENERCON-2-CBL16SERINT Datasheet
770Kb / 3P
A Truly IP68 Military Cyber Proof Serial over USB
Jan 25, 2020
2-CBL16SERPWR ENERCON-2-CBL16SERPWR Datasheet
770Kb / 3P
A Truly IP68 Military Cyber Proof Serial over USB
Jan 25, 2020
2-CBL610PW3M ENERCON-2-CBL610PW3M Datasheet
424Kb / 4P
Compact, Portable Military Gigabit Media Converters with PoE and Security
2222024
2-CBL9012CLAN ENERCON-2-CBL9012CLAN Datasheet
450Kb / 5P
Compact, Military-Grade, Managed 12-Port Gigabit Ethernet Router / Switch With Cisco® IOS® - XE 8000V
2-CBL9012CLN+ ENERCON-2-CBL9012CLN+ Datasheet
450Kb / 5P
Compact, Military-Grade, Managed 12-Port Gigabit Ethernet Router / Switch With Cisco® IOS® - XE 8000V
More results


Similar Description - 2-CBL410001

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATC210 ARTESYN-ATC210 Datasheet
487Kb / 16P
Integrated Power Conversion and Power Management Solution
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
. USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
TPS65921 TI1-TPS65921 Datasheet
682Kb / 58P
Power Management and USB Single Chip
logo
ams AG
AS8515 AMSCO-AS8515 Datasheet
557Kb / 65P
Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
logo
Texas Instruments
AMC7834 TI-AMC7834_15 Datasheet
3Mb / 90P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
System Power Management and Protection IC With PMBus
AMC7834 TI1-AMC7834 Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
logo
Advantech Co., Ltd.
IPS-M420-LFA-SG-C ADVANTECH-IPS-M420-LFA-SG-C Datasheet
251Kb / 1P
Integrated Power System and Remote Management Package
20-Sep-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com