Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-CBL16SERINT Datasheet (PDF) - Enercon Technologies Europe AG

2-CBL16SERINT Datasheet PDF - Enercon Technologies Europe AG
Part # 2-CBL16SERINT
Download  2-CBL16SERINT Download
File Size   770.34 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description A Truly IP68 Military Cyber Proof Serial over USB

2-CBL16SERINT Datasheet (PDF)

Go To PDF Page Download Datasheet
2-CBL16SERINT Datasheet PDF - Enercon Technologies Europe AG

Part # 2-CBL16SERINT
Download  2-CBL16SERINT Click to download

File Size   770.34 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description A Truly IP68 Military Cyber Proof Serial over USB

2-CBL16SERINT Datasheet (HTML) - Enercon Technologies Europe AG


2-CBL16SERINT Product details

PRODUCT DESCRIPTION
The MILTECH™ 16SER is a MIL-STD rugged, militarygrade
Serial over USB unit, offering 16 Serial ports over
USB. The Portable Rugged Serial unit was developed
specifically for the new cyber threats available in
today’s networks, providing new security features
and capabilities for protecting critical systems.
Developed for portable military and harsh environment
applications, the MILTECH 16SER features mechanical
packaging enhancements designed for MIL-STD-810F
airborne and ground environmental compliance and
high reliability. The unit has been especially hardened to
improve ingress, impact, and shock/vibration protection,
as well as eliminate all moving parts through passive
cooling. Interface through sealed MIL-STD circular
connectors, with a 24VDC power makes it instantly
compatible with network device and power systems.
Compact in size, the MILTECH 16SER is particularly
useful for expanding Serial port density in spaceconstrained
airborne and ground vehicle environments
while providing new security layer for serial interfaces.
The MILTECH 16SER serves as a robust commercial
off-the-shelf (COTS) solution for rugged Serial
connectivity, which can be used in a wide range of
military and commercial applications, including:
• UAVs
• Land autonomous vehicles (UGVs)
• Robots
• Mobile equipment fielded in harsh environments
Modern platforms contain dozens of legacy serial devices
that must be interconnected to the new computerized
network. The MILTECH 16SER is an ideal solution
for secure mobile Serial-equipped platforms. With
the best combination of size, weight, power and cost
(SWaP-C) in the industry, it saves valuable real estate
for computers, sensors, targeting systems, and other
devices that make mobile platforms highly effective.




Similar Part No. - 2-CBL16SERINT

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
2-CBL303USBDO ENERCON-2-CBL303USBDO Datasheet
816Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities
Jan 25, 2020
2-CBL410000 ENERCON-2-CBL410000 Datasheet
816Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities
Jan 25, 2020
2-CBL410001 ENERCON-2-CBL410001 Datasheet
816Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities
Jan 25, 2020
2-CBL410002 ENERCON-2-CBL410002 Datasheet
816Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities
Jan 25, 2020
2-CBL410003 ENERCON-2-CBL410003 Datasheet
816Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities
Jan 25, 2020
More results


Similar Description - 2-CBL16SERINT

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
USB UART ( USB - Serial) I.C.
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
Cypress Semiconductor
CY4601 CYPRESS-CY4601 Datasheet
128Kb / 2P
USB to Serial
logo
Adam Technologies, Inc.
MTJ-USB-88JX1-FS-LI ADAM-TECH-MTJ-USB-88JX1-FS-LI Datasheet
110Kb / 1P
MODULAR JACK OVER USB
logo
A-Data Technology
SD700X A-DATA-SD700X Datasheet
519Kb / 2P
IP68 certified and military-spec
logo
PowerDynamics, Inc
3353K00030 POWERDYNAMICS-3353K00030 Datasheet
342Kb / 1P
Metal Waterproof USB/A Coupler (IP68)
logo
Molex Electronics Ltd.
2038000025 MOLEX1-2038000025_18 Datasheet
33Kb / 1P
Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type C-to-A, USB 2.0, 1.0m Length, Over-Temperature Protection, White
logo
EXCEL CELL ELECTRONIC C...
ESB23 ECE-ESB23 Datasheet
148Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 A TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com