Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8570 Datasheet (PDF) - NXP Semiconductors

PCF8570 Datasheet PDF - NXP Semiconductors
Part # PCF8570
Download  PCF8570 Download
File Size   140.09 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 256 x 8-bit static low-voltage RAM with I2C-bus interface

PCF8570 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8570 Datasheet PDF - NXP Semiconductors

Part # PCF8570
Download  PCF8570 Click to download

File Size   140.09 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 256 x 8-bit static low-voltage RAM with I2C-bus interface

PCF8570 Datasheet (HTML) - NXP Semiconductors


PCF8570 Product details

GENERAL DESCRIPTION
The PCF8570 is a low power static CMOS RAM, organized as 256 words by 8-bits.
Addresses and data are transferred serially via a two-line bidirectional bus (I2C-bus). The built-in word address register is incremented automatically after each written or read data byte. Three address pins, A0, A1 and A2 are used to define the hardware address, allowing the use of up to 8 devices connected to the bus without additional hardware.

FEATURES
• Operating supply voltage 2.5 to 6.0 V
• Low data retention voltage; minimum 1.0 V
• Low standby current; maximum 15 µA
• Power-saving mode; typical 50 nA
• Serial input/output bus (I2C-bus)
• Address by 3 hardware address pins
• Automatic word address incrementing
• Available in DIP8 and SO8 packages.

APPLICATIONS
• Telephony:
    – RAM expansion for stored numbers in repertory dialling (e.g. PCD33xxA applications)
• General purpose RAM for applications requiring extremely low current and low-voltage RAM retention, such as battery or capacitor-backed.
• Radio, television and video cassette recorder:
    – channel presets
• General purpose:
    – RAM expansion for the microcontroller families PCD33xxA, PCF84CxxxA, P80CLxxx and most other microcontrollers.




Similar Part No. - PCF8570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8570 NXP-PCF8570 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCF8570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
1024-Bit (256 x 4) Static RAM
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
logo
Siemens Semiconductor G...
SAE81C52 SIEMENS-SAE81C52 Datasheet
288Kb / 10P
256 x 8-Bit Static CMOS RAM NMOS-Compatible
logo
NXP Semiconductors
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com