Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8570 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8570
Description  256 x 8-bit static low-voltage RAM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8570 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8570 Datasheet HTML 1Page - NXP Semiconductors PCF8570 Datasheet HTML 2Page - NXP Semiconductors PCF8570 Datasheet HTML 3Page - NXP Semiconductors PCF8570 Datasheet HTML 4Page - NXP Semiconductors PCF8570 Datasheet HTML 5Page - NXP Semiconductors PCF8570 Datasheet HTML 6Page - NXP Semiconductors PCF8570 Datasheet HTML 7Page - NXP Semiconductors PCF8570 Datasheet HTML 8Page - NXP Semiconductors PCF8570 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Jan 06
3
Philips Semiconductors
Product specification
256
× 8-bit static low-voltage RAM with
I2C-bus interface
PCF8570
1
FEATURES
• Operating supply voltage 2.5 to 6.0 V
• Low data retention voltage; minimum 1.0 V
• Low standby current; maximum 15 µA
• Power-saving mode; typical 50 nA
• Serial input/output bus (I2C-bus)
• Address by 3 hardware address pins
• Automatic word address incrementing
• Available in DIP8 and SO8 packages.
2
APPLICATIONS
• Telephony:
– RAM expansion for stored numbers in repertory
dialling (e.g. PCD33xxA applications)
• General purpose RAM for applications requiring
extremely low current and low-voltage RAM retention,
such as battery or capacitor-backed.
• Radio, television and video cassette recorder:
– channel presets
• General purpose:
– RAM expansion for the microcontroller families
PCD33xxA, PCF84CxxxA, P80CLxxx and most other
microcontrollers.
3
GENERAL DESCRIPTION
The PCF8570 is a low power static CMOS RAM,
organized as 256 words by 8-bits.
Addresses and data are transferred serially via a two-line
bidirectional bus (I2C-bus). The built-in word address
register is incremented automatically after each written or
read data byte. Three address pins, A0, A1 and A2 are
used to define the hardware address, allowing the use of
up to 8 devices connected to the bus without additional
hardware.
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
2.5
6.0
IDD
supply current (standby)
fSCL =0Hz
−
15
µA
IDDR
supply current (power-saving mode)
Tamb =25 °C
−
400
nA
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8570P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF8570T
SO8
plastic small outline package; 8 leads; body width 7.5 mm
SOT176-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com