Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8570 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8570
Description  256 x 8-bit static low-voltage RAM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8570 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8570 Datasheet HTML 8Page - NXP Semiconductors PCF8570 Datasheet HTML 9Page - NXP Semiconductors PCF8570 Datasheet HTML 10Page - NXP Semiconductors PCF8570 Datasheet HTML 11Page - NXP Semiconductors PCF8570 Datasheet HTML 12Page - NXP Semiconductors PCF8570 Datasheet HTML 13Page - NXP Semiconductors PCF8570 Datasheet HTML 14Page - NXP Semiconductors PCF8570 Datasheet HTML 15Page - NXP Semiconductors PCF8570 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1999 Jan 06
12
Philips Semiconductors
Product specification
256
× 8-bit static low-voltage RAM with
I2C-bus interface
PCF8570
13.2
Slave address
The PCF8570 has a fixed combination 1 0 1 0 as group 1, while group 2 is fully programmable (see Fig.12).
13.3
Power-saving mode
With the condition TEST = VDD or VDDR the PCF8570 goes into the power-saving mode and I2C-bus logic is reset.
Fig.12 Slave address.
handbook, halfpage
MLB892
1
0
1
0
A2A1A0 R/W
group 1
group 2
Fig.13 Timing for power-saving mode.
(1) Power-saving mode without 5 V supply voltage.
(2) Power-saving mode with 5 V supply voltage.
(3) tSU and tHD1 ≥ 4 µs and tHD2 ≥ 50 µs.
handbook, full pagewidth
MLB932
,,
,,
,,,
,,,
,,,
,,,
,,
,,
,,,
,,,
,,,
,,,
power saving
mode (1)
TEST = VDDR
power saving
mode (2)
TEST = VDD
operating mode
TEST
SCL
SDA
VDD
IDD
VDD
VDDR
0 V
VDD
VDDR
0 V
VDD
VDDR
0 V
VDD
VDDR
0 V
IDD
IDDS
t SU
t HD1
t SU
t HD2
(3)
(3)
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com