Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSU2000ADC Datasheet (PDF) - Advanced Energy Industries, Inc.

CSU2000ADC Datasheet PDF - Advanced Energy Industries, Inc.
Part # CSU2000ADC
Download  CSU2000ADC Download
File Size   848.12 Kbytes
Page   7 Pages
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.
Description 2000 Watts Distributed Power System

CSU2000ADC Datasheet (PDF)

Go To PDF Page Download Datasheet
CSU2000ADC Datasheet PDF - Advanced Energy Industries, Inc.

Part # CSU2000ADC
Download  CSU2000ADC Click to download

File Size   848.12 Kbytes
Page   7 Pages
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.
Description 2000 Watts Distributed Power System

CSU2000ADC Datasheet (HTML) - Advanced Energy Industries, Inc.


CSU2000ADC Product details

SPECIAL FEATURES
2000 W output power
High power and short form factor
1U power supply
High density design: 62 W/in3
Uses two-hole terminal lugs to handle
high input current
Inrush current control
N+M redundant N+M ≤ 4
Hot-pluggable
Active current sharing
Full digital control
PMBus® compliant
Accurate input power reporting
Compatible with Artesyn’s Universal
PMBus GUI
Reverse airflow option




Similar Part No. - CSU2000ADC

ManufacturerPart #DatasheetDescription
logo
VITROHM
CSU-SERIES VITROHM-CSU-SERIES Datasheet
539Kb / 3P
Through hole shunt resistor
Revision: 202205
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
1.8 Watt Isolated DC-DC Converter
CSU0509LF BOTHHAND-CSU0509LF Datasheet
141Kb / 2P
Isolated DC-DC Converters
logo
Core Technology (Shenzh...
CSU1181 CHIPSEA-CSU1181 Datasheet
914Kb / 97P
OTP ROM 8 RISC MCU
CSU1182 CHIPSEA-CSU1182 Datasheet
1Mb / 94P
OTP ROM 8 RISC MCU
More results


Similar Description - CSU2000ADC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3_09 Datasheet
747Kb / 4P
2000 Watts 12 V Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3_11 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
500 Watts Distributed Power System
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
2900 Watts Distributed Power System
DS2000-3 ARTESYN-DS2000-3 Datasheet
838Kb / 4P
2000 Watts 12 V Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
1600 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com