Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSU2000ADC Datasheet(PDF) 3 Page - Advanced Energy Industries, Inc.

Part # CSU2000ADC
Description  2000 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

CSU2000ADC Datasheet(HTML) 3 Page - Advanced Energy Industries, Inc.

  CSU2000ADC Datasheet HTML 1Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 2Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 3Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 4Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 5Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 6Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 7Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
advancedenergy.com
3
CSU2000ADC
Protections (Main Output)
MIN
NOM
MAX
Units
Comment
Peak current
264
A
Output OCP
261
267
A
Output OVP
13.3
14.5
V
Latch
Overtemperature protection
Yes
Fan fault protection
Yes
Standby Output
Output OCP
4.0
5.0
A
Output OVP
13.3
14.5
V
LED Indicators
Power Supply Condition
LED State
Normal work
Green
No DC input power to all power supplies
Off
DC input present / Only 12 Vsb on (PS off) or PS in CR state
1 Hz Blink Green
DC input cord unplugged; with a second power supply in parallel still with DC input
power
Amber
Power supply warning events where the power supply continues to operate; high temp,
high power, high current, slow fan
1 Hz Blink Amber
Power supply critical event causing a shutdown; failure, OCP, OVP, fan fail
Amber
Firmware Reporting And Monitoring
Accuracy Range
Output loading
2% to 7.5%
> 7.5% to 15%
> 15% to 100%
READ_PIN and READ_EIN
±10 W
±10 W
±2%
READ_IOUT
±1 A
±5%
±2%
READ_TEMPERATURE
±3°C
ELECTRICAL SPECIFICATIONS (CONTINUED)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com