Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT93C46A Datasheet (PDF) - ATMEL Corporation

AT93C46A Datasheet PDF - ATMEL Corporation
Part # AT93C46A
Download  AT93C46A Download
File Size   516.86 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Three-wire Automotive Temperature Serial EEPROM

AT93C46A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT93C46A Datasheet PDF - ATMEL Corporation

Part # AT93C46A
Download  AT93C46A Click to download

File Size   516.86 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Three-wire Automotive Temperature Serial EEPROM

AT93C46A Datasheet (HTML) - ATMEL Corporation


AT93C46A Product details

Description
The AT93C46A provides 1024 bits of serial electrically-erasable programmable read only memory (EEPROM) organized as 64 words of 16 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT93C46A is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, and 8-lead TSSOP packages.
The AT93C46A is enabled through the Chip Select pin (CS) and accessed via a three-wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift Clock (SK). Upon receiving a Read instruction at DI, the address is decoded and the data is clocked out serially on the data output DO pin. The write cycle is completely self-timed and no separate erase cycle is required before write. The write cycle is only enabled when the part is in the erase/write enable state. When CS is brought high following the initiation of a write cycle, the DO pin outputs the ready/busy status of the part.
The AT93C46A is available in 2.7V to 5.5V and 1.8V to 5.5V versions.

Features
• Low-voltage and Standard-voltage Operation
   – 2.7 (VCC = 2.7V to 5.5V)
   – 1.8 (VCC = 1.8V to 5.5V)
• Three-wire Serial Interface
• 2 MHz Clock Rate (5V) Compatibility
• Self-timed Write Cycle (10 ms max)
• High Reliability
   – Endurance: 1 Million Write Cycles
   – Data Retention: 100 Years
• Automotive Grade, Extended Temperature, and Lead-free/Halogen-free Devices
   Available
• 8-lead PDIP, 8-lead JEDEC SOIC, and 8-lead TSSOP Packages




Similar Part No. - AT93C46A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
143Kb / 15P
3-Wire Serial EEPROM 1K (64 x 16)
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
Three-wire Serial EEPROM
AT93C46A-10PC ATMEL-AT93C46A-10PC Datasheet
143Kb / 15P
3-Wire Serial EEPROM 1K (64 x 16)
AT93C46A-10PC-2.5 ATMEL-AT93C46A-10PC-2.5 Datasheet
143Kb / 15P
3-Wire Serial EEPROM 1K (64 x 16)
AT93C46A-10PC-2.7 ATMEL-AT93C46A-10PC-2.7 Datasheet
143Kb / 15P
3-Wire Serial EEPROM 1K (64 x 16)
More results


Similar Description - AT93C46A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
Two-wire Automotive Temperature Serial EEPROM
AT93C86A_0702 ATMEL-AT93C86A_0702 Datasheet
335Kb / 15P
Three-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_14 Datasheet
770Kb / 19P
2-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
2-Wire Automotive Temperature Serial EEPROM
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
2-Wire Automotive Temperature Serial EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com