Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593 Datasheet (PDF) - NXP Semiconductors

PCF8593 Datasheet PDF - NXP Semiconductors
Part # PCF8593
Download  PCF8593 Download
File Size   139.79 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power clock/calendar

PCF8593 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8593 Datasheet PDF - NXP Semiconductors

Part # PCF8593
Download  PCF8593 Click to download

File Size   139.79 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power clock/calendar

PCF8593 Datasheet (HTML) - NXP Semiconductors


PCF8593 Product details

GENERAL DESCRIPTION

The PCF8593 is a CMOS clock/calendar circuit, optimized for low power consumption. Addresses and data are transferred serially via the two-line bidirectional I2C-bus. The built-in word address register is incremented

automatically after each written or read data byte. The built-in 32.768 kHz oscillator circuit and the first 8 bytes of RAM are used for the clock/calendar and counter functions. The next 8 bytes may be programmed as alarm registers or used as free RAM space.



FEATURES

• I2C-bus interface operating supply voltage: 2.5 to 6.0 V

• Clock operating supply voltage (Tamb = 0 to +70 °C):

1.0 to 6.0 V

• 8 bytes scratchpad RAM (when alarm not used)

• Data retention voltage: 1.0 to 6.0 V

• External RESET input resets I2C interface (only)

• Operating current (fscl = 0 Hz, 32 kHz time base,

VDD = 2.0 V): typ. 1 µA

• Clock function with four year calendar

• Universal timer with alarm and overflow indication

• 24 or 12 hour format

• 32.768 kHz or 50 Hz time base

• Serial input/output bus (I2C-bus)

• Automatic word address incrementing

• Programmable alarm, timer and interrupt function

• Space-saving SO8 package available

• Slave address:

– READ A3

– WRITE A2.




Similar Part No. - PCF8593

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8593 NXP-PCF8593 Datasheet
572Kb / 35P
Low power clock and calendar
Rev. 04-6 October 2010
PCF8593 NXP-PCF8593 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8593P NXP-PCF8593P Datasheet
572Kb / 35P
Low power clock and calendar
Rev. 04-6 October 2010
PCF8593T NXP-PCF8593T Datasheet
572Kb / 35P
Low power clock and calendar
Rev. 04-6 October 2010
PCF8593T/1.112 NXP-PCF8593T/1.112 Datasheet
572Kb / 35P
Low power clock and calendar
Rev. 04-6 October 2010
More results


Similar Description - PCF8593

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
PCF8573 PHILIPS-PCF8573 Datasheet
198Kb / 24P
Clock/calendar with Power Fail Detector
1997 Mar 28
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
Real Time Clock/Calendar
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
Low Cost and Low Power I2C RTC Real Time Clock/Calendar
June 15, 2009
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
June 15, 2009
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCF8593 NXP-PCF8593 Datasheet
572Kb / 35P
Low power clock and calendar
Rev. 04-6 October 2010
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
logo
Shenzhen Huazhimei Semi...
HM1307 HMSEMI-HM1307 Datasheet
699Kb / 14P
low-power, full BCD code clock calendar real-time clock chip
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com