Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8593
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8593 Datasheet HTML 4Page - NXP Semiconductors PCF8593 Datasheet HTML 5Page - NXP Semiconductors PCF8593 Datasheet HTML 6Page - NXP Semiconductors PCF8593 Datasheet HTML 7Page - NXP Semiconductors PCF8593 Datasheet HTML 8Page - NXP Semiconductors PCF8593 Datasheet HTML 9Page - NXP Semiconductors PCF8593 Datasheet HTML 10Page - NXP Semiconductors PCF8593 Datasheet HTML 11Page - NXP Semiconductors PCF8593 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1997 Mar 25
8
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
Fig.5 Format of the hours counter.
handbook, full pagewidth
765
432
10
MSB
LSB
MBD812
memory location 04 (hours counter)
unit hours BCD
ten hours (0 to 12 binary)
AM/PM flag:
0 AM
1 PM
format:
0
24 h format, AM/PM flag
remains unchanged
1
12 h format, AM/PM flag
will be updated
Fig.6 Format of the year/date counter.
handbook, full pagewidth
7
6
5
432
10
MSB
LSB
MBD813
memory location 05 (year/date)
unit hours BCD
ten days (0 to 3 binary)
year (0 to 3 binary, read as 0 if
the mask flag is set)
Fig.7 Format of the weekdays/months counter.
handbook, full pagewidth
76
543
210
MSB
LSB
MBD814
memory location 06 (weekdays/months)
unit months BCD
ten months
weekdays (0 to 6 binary, read as 0 if
the mask flag is set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com