Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8593
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8593 Datasheet HTML 15Page - NXP Semiconductors PCF8593 Datasheet HTML 16Page - NXP Semiconductors PCF8593 Datasheet HTML 17Page - NXP Semiconductors PCF8593 Datasheet HTML 18Page - NXP Semiconductors PCF8593 Datasheet HTML 19Page - NXP Semiconductors PCF8593 Datasheet HTML 20Page - NXP Semiconductors PCF8593 Datasheet HTML 21Page - NXP Semiconductors PCF8593 Datasheet HTML 22Page - NXP Semiconductors PCF8593 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
1997 Mar 25
19
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
10 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
11 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take precautions appropriate to handling MOS devices Advice can be found in Data Handbook IC12 under
“Handling MOS Devices”.
12 DC CHARACTERISTICS
VDD = 2.5 to 6.0 V; VSS = 0 V; Tamb = −40 to +85 °C; fosc = 32 kHz; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage (pin 8)
−0.8
+7.0
V
IDD
supply current (pin 8)
−
50
mA
ISS
supply current (pin 4)
−
50
mA
VI
input voltage
−0.8
VDD + 0.8
V
II
input current
−
10
mA
IO
DC output current
−
10
mA
Ptot
total power dissipation per package
−
300
mW
PO
power dissipation per output
−
50
mW
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
Supply
VDD
supply voltage
(operating mode)
I2C-bus active
2.5
−
6.0
V
I2C-bus inactive
1.0
−
6.0
V
VDDosc
supply voltage
(quartz oscillator)
note 2
Tamb = 0 to 70 °C
1.0
−
6.0
V
Tamb = −40 to 85 °C
1.2
−
6.0
V
IDD
supply current
(operating mode)
fscl = 100 kHz; clock mode;
note 3
−−
200
µA
IDDO
supply current
(clock mode with I2C-bus
inactive)
fscl = 0 Hz;
inputs at VDD or VSS
VDD =2V
−
1.0
8.0
µA
VDD =5V
−
4.0
15
µA
SDA, SCL, INT and RESET
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
IOL
LOW level output current
VOL = 0.4 V
3
−−
mA
ILI
input leakage current
VI =VDD or VSS
−1
−
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com