Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8593
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8593 Datasheet HTML 13Page - NXP Semiconductors PCF8593 Datasheet HTML 14Page - NXP Semiconductors PCF8593 Datasheet HTML 15Page - NXP Semiconductors PCF8593 Datasheet HTML 16Page - NXP Semiconductors PCF8593 Datasheet HTML 17Page - NXP Semiconductors PCF8593 Datasheet HTML 18Page - NXP Semiconductors PCF8593 Datasheet HTML 19Page - NXP Semiconductors PCF8593 Datasheet HTML 20Page - NXP Semiconductors PCF8593 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1997 Mar 25
17
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
9I2C-BUS PROTOCOL
9.1
Addressing
Before any data is transmitted on the I2C-bus, the device which should respond is addressed first. The addressing is
always carried out with the first byte transmitted after the start procedure.
The clock/calendar acts as a slave receiver or slave transmitter. Therefore the clock signal SCL is only an input signal,
but the data signal SDA is a bidirectional line. The clock/calendar slave address is shown in Fig.17.
9.2
Clock/calendar READ/WRITE cycles
The I2C-bus configuration for the different PCF8593 READ and WRITE cycles is shown in Figs 18, 19 and 20.
Fig.17 Slave address.
handbook, halfpage
MBD821
101
00
0
1
R/W
group 1
group 2
Fig.18 Master transmits to slave receiver (WRITE) mode.
handbook, full pagewidth
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
DATA
P
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
auto increment
memory word address
MBD822
n bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com