Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2001 Datasheet (PDF) - NXP Semiconductors

PCK2001 Datasheet PDF - NXP Semiconductors
Part # PCK2001
Download  PCK2001 Download
File Size   80.92 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 14.318-150 MHz I2C 1:18 Clock Buffer

PCK2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2001 Datasheet PDF - NXP Semiconductors

Part # PCK2001
Download  PCK2001 Click to download

File Size   80.92 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 14.318-150 MHz I2C 1:18 Clock Buffer

PCK2001 Datasheet (HTML) - NXP Semiconductors


PCK2001 Product details

DESCRIPTION

The PCK2001 is a 1–18 fanout buffer used for 133/100 MHz CPU, 66/33 MHz PCI, 14.318 MHz REF, or 133/100/66 MHz SDRAM clock distribution. 18 outputs are typically used to support up to four

SDRAM DIMMS commonly found in desktop, workstation or server applications.

All clock outputs meet Intel’s drive, rise/fall time, accuracy, and skew requirements. An I2C interface is included to allow each output to be enabled/disabled individually. An output disabled via the I2C interface will be held in the LOW state. In addition, there is an OE input which 3-States all outputs.



FEATURES

•HIGH speed, LOW noise non-inverting 1–18 buffer

•Typically used to support four SDRAM DIMMs

•Multiple VDD, VSSpins for noise reduction

•3.3 V operation

•Separate 3-State pin for testing

•ESD protection exceeds 2000 V per Standard 801.2

•Optimized for 66 MHz, 100 MHz and 133 MHz operation

•175 ps skew outputs

•Available in 48-pin SSOP package

•See PCK2001M for mobile (reduced pincount) 28-pin 1-10 buffer version

•Individual clock output enable/disable via I2C



 




Similar Part No. - PCK2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001MDB PHILIPS-PCK2001MDB Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
PCK2001RDB PHILIPS-PCK2001RDB Datasheet
76Kb / 12P
14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
More results


Similar Description - PCK2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
PCK2002 PHILIPS-PCK2002 Datasheet
95Kb / 12P
0-300 MHz I2C 1:18 clock buffer
2001 Jul 19
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
Precision 1-18 Clock Buffer
logo
Cypress Semiconductor
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com