Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2001 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK2001
Description  14.318-150 MHz I2C 1:18 Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK2001 Datasheet HTML 1Page - NXP Semiconductors PCK2001 Datasheet HTML 2Page - NXP Semiconductors PCK2001 Datasheet HTML 3Page - NXP Semiconductors PCK2001 Datasheet HTML 4Page - NXP Semiconductors PCK2001 Datasheet HTML 5Page - NXP Semiconductors PCK2001 Datasheet HTML 6Page - NXP Semiconductors PCK2001 Datasheet HTML 7Page - NXP Semiconductors PCK2001 Datasheet HTML 8Page - NXP Semiconductors PCK2001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Philips
Semiconductors
PCK2001
14.318-150 MHz I2C 1:18 Clock Buffer
Product specification
Supersedes data of 1998 Oct 27
1999 Jul 06
INTEGRATED CIRCUITS


Similar Part No. - PCK2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001MDB PHILIPS-PCK2001MDB Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
PCK2001RDB PHILIPS-PCK2001RDB Datasheet
76Kb / 12P
14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
More results

Similar Description - PCK2001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
PCK2002 PHILIPS-PCK2002 Datasheet
95Kb / 12P
0-300 MHz I2C 1:18 clock buffer
2001 Jul 19
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
Precision 1-18 Clock Buffer
logo
Cypress Semiconductor
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com