Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9251 Datasheet (PDF) - Belden Inc.

9251 Datasheet PDF - Belden Inc.
Part # 9251
Download  9251 Download
File Size   162.84 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 52 Ohm, RG8, 13 AWG, CMX

9251 Datasheet (PDF)

Go To PDF Page Download Datasheet
9251 Datasheet PDF - Belden Inc.

Part # 9251
Download  9251 Click to download

File Size   162.84 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 52 Ohm, RG8, 13 AWG, CMX

9251 Datasheet (HTML) - Belden Inc.


9251 Product details

Product Description
RG-8/U type, 13 AWG stranded (7x21) .085" bare copper conductor, polyethylene insulation, bare copper braid shield (95% coverage), non-contaminating
PVC jacket.




Similar Part No. - 9251

ManufacturerPart #DatasheetDescription
logo
KNIPEX
925101 KNIPEX-925101 Datasheet
106Kb / 1P
Precision Tweezers
05.07.2021
925102 KNIPEX-925102 Datasheet
107Kb / 1P
Mini Precision Tweezers
05.07.2021
logo
Metcal
925125-DHUV METCAL-925125-DHUV Datasheet
237Kb / 1P
Dispensing Tips
925125-RIGID METCAL-925125-RIGID Datasheet
237Kb / 1P
Dispensing Tips
925150-PTS METCAL-925150-PTS Datasheet
237Kb / 1P
Dispensing Tips
More results


Similar Description - 9251

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP52N06V MOTOROLA-MTP52N06V Datasheet
162Kb / 8P
TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.022 OHM
logo
List of Unclassifed Man...
CMX-309 ETC1-CMX-309 Datasheet
123Kb / 2P
CMX-309
logo
Pomona Electronics
73043 POMONA-73043 Datasheet
136Kb / 2P
BNC Plug, 50 Ohm, Crimp Type, RG8, 9, 11, 213, 214
73051 POMONA-73051 Datasheet
139Kb / 2P
N Type Plug, 50 Ohm, Clamp Type, RG8, 213
logo
Texas Instruments
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
logo
Crydom Inc.,
MS11-DMP6301A CRYDOM-MS11-DMP6301A Datasheet
509Kb / 6P
Series MS11-CMX
logo
Belden Inc.
7810A BELDEN-7810A Datasheet
233Kb / 2P
50 Ohm Wireless Transmission Coax, RF 400, RG8
logo
E-SWITCH
PV5S64019 E-SWITCH-PV5S64019 Datasheet
161Kb / 1P
52-PV5S64019
8/5/2009
logo
Molex Electronics Ltd.
SD-34885-001 MOLEX-SD-34885-001 Datasheet
584Kb / 2P
CMX CONNECTOR 55WAY ASSY
Rev. B
SD-34885-002 MOLEX-SD-34885-002 Datasheet
619Kb / 2P
CMX CONNECTOR 65WAY ASSY
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com