Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73051 Datasheet (PDF) - Pomona Electronics

73051 Datasheet PDF - Pomona Electronics
Part # 73051
Download  73051 Download
File Size   139.51 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description N Type Plug, 50 Ohm, Clamp Type, RG8, 213

73051 Datasheet (PDF)

Go To PDF Page Download Datasheet
73051 Datasheet PDF - Pomona Electronics

Part # 73051
Download  73051 Click to download

File Size   139.51 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description N Type Plug, 50 Ohm, Clamp Type, RG8, 213

73051 Datasheet (HTML) - Pomona Electronics


73051 Product details

Features
• DC – 11GHz bandwidth.
• Connectors are precision machined.
• Meets interface requirements MIL-C-39012.
• Connector accepts cable types RG/U: 8, 213




Similar Part No. - 73051

ManufacturerPart #DatasheetDescription
logo
Whirlpool.
7305150 WHIRLPOOL-7305150 Datasheet
1Mb / 23P
How to install, operate and maintain your Demand Controlled Water Softener
Rev B 6/13/12
7305150 WHIRLPOOL-7305150 Datasheet
1Mb / 28P
How to install, operate and maintain your Demand Controlled Water Softener
Rev. H 1/30/25
7305150 WHIRLPOOL-7305150 Datasheet
1Mb / 32P
How to install, operate and maintain your Demand Controlled Water Softener with Wi-Fi
Rev. D 3/10/26
7305150 WHIRLPOOL-7305150 Datasheet
1Mb / 30P
How to install, operate and maintain your Water Conditioner
Rev. H 1/30/25
More results


Similar Description - 73051

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73043 POMONA-73043 Datasheet
136Kb / 2P
BNC Plug, 50 Ohm, Crimp Type, RG8, 9, 11, 213, 214
73048 POMONA-73048 Datasheet
140Kb / 2P
N Type Right-Angle Plug, 50 Ohm, Clamp Type, RG214, 225, 393
73049 POMONA-73049 Datasheet
142Kb / 2P
N Type Right-Angle Plug, 50 Ohm, Crimp Type , RG55, 142, 223
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73052 POMONA-73052 Datasheet
123Kb / 2P
N Type Plug, 50 Ohm, Crimp Type, Semi-Rigid 402
73059 POMONA-73059 Datasheet
137Kb / 2P
UHF Plug, Clamp Type, RG8, 9, 11, 63, 87A, 213, 214, 225
73062 POMONA-73062 Datasheet
142Kb / 2P
N Type Plug, 50 Ohm, Clamp Type, RG8, 9, 144, 165, 213, 214, 216, 225
logo
Molex Electronics Ltd.
0732565003 MOLEX11-0732565003 Datasheet
28Kb / 1P
50 Ohms, N Straight Plug, Clamp, RG-8 and RG-213 Cable
logo
CRYSTEK CORPORATION
CS-NM-MHB CRYSTEKMICROWAVE-CS-NM-MHB Datasheet
93Kb / 2P
Type N Plug, Solder Clamp
logo
Molex Electronics Ltd.
0732565003 MOLEX-0732565003_V01 Datasheet
29Kb / 1P
50 Ohms, N Straight Plug, Clamp, RG-8 and RG-213 Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com