Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73052 Datasheet (PDF) - Pomona Electronics

73052 Datasheet PDF - Pomona Electronics
Part # 73052
Download  73052 Download
File Size   123.09 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description N Type Plug, 50 Ohm, Crimp Type, Semi-Rigid 402

73052 Datasheet (PDF)

Go To PDF Page Download Datasheet
73052 Datasheet PDF - Pomona Electronics

Part # 73052
Download  73052 Click to download

File Size   123.09 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description N Type Plug, 50 Ohm, Crimp Type, Semi-Rigid 402

73052 Datasheet (HTML) - Pomona Electronics


73052 Product details

Features
• DC – 11GHz bandwidth.
• Connectors are precision machined.
• Meets interface requirements MIL-C-39012.
• Connector accepts cable types RG/U: 402




Similar Part No. - 73052

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7305 GILWAY-7305 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
7305 HEYCO-7305 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7305 MITUTOYO-7305 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7305 V-COIL-7305 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
More results


Similar Description - 73052

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PDM-SP-141-SO DDK-PDM-SP-141-SO Datasheet
397Kb / 7P
Push-on Semi-Rigid and Semi-Flexible Cable Type Connectors
logo
Pomona Electronics
73049 POMONA-73049 Datasheet
142Kb / 2P
N Type Right-Angle Plug, 50 Ohm, Crimp Type , RG55, 142, 223
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73051 POMONA-73051 Datasheet
139Kb / 2P
N Type Plug, 50 Ohm, Clamp Type, RG8, 213
73056 POMONA-73056 Datasheet
134Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG58, 141
73057 POMONA-73057 Datasheet
142Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG59, 62
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
logo
Pasternack Enterprises,...
PE-SR047FL PASTERNACK-PE-SR047FL Datasheet
260Kb / 1P
50 OHM SEMI-RIGID (LEAD FREE)
PE-SR402-75 PASTERNACK-PE-SR402-75 Datasheet
253Kb / 1P
75 OHM SEMI-RIGID
logo
Amphenol Corporation
901-9805-HP AMPHENOL-901-9805-HP Datasheet
86Kb / 1P
SMA PLUG SOLDER TYPE .086 SEMI-RIGID
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com