Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73061 Datasheet (PDF) - Pomona Electronics

73061 Datasheet PDF - Pomona Electronics
Part # 73061
Download  73061 Download
File Size   136.72 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141

73061 Datasheet (PDF)

Go To PDF Page Download Datasheet
73061 Datasheet PDF - Pomona Electronics

Part # 73061
Download  73061 Click to download

File Size   136.72 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141

73061 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 73061

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7306 GILWAY-7306 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
V-COIL THREAD SYSTEM
7306 V-COIL-7306 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Presto International UK...
73060 PRESTO-73060 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Pomona Electronics
73062 POMONA-73062 Datasheet
142Kb / 2P
N Type Plug, 50 Ohm, Clamp Type, RG8, 9, 144, 165, 213, 214, 216, 225
73063 POMONA-73063 Datasheet
122Kb / 1P
MMCX Plug to MMCX Plug, RG316/U
More results


Similar Description - 73061

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73042 POMONA-73042 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG174, 188, 316
73043 POMONA-73043 Datasheet
136Kb / 2P
BNC Plug, 50 Ohm, Crimp Type, RG8, 9, 11, 213, 214
73049 POMONA-73049 Datasheet
142Kb / 2P
N Type Right-Angle Plug, 50 Ohm, Crimp Type , RG55, 142, 223
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73054 POMONA-73054 Datasheet
139Kb / 2P
TNC Right-Angle Plug, 50 Ohm, Crimp Type, RG55, 142, 223, 400
73056 POMONA-73056 Datasheet
134Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG58, 141
logo
Pasternack Enterprises,...
PE4298 PASTERNACK-PE4298 Datasheet
288Kb / 2P
BNC Male Right Angle Connector Crimp/ Crimp Attachment For RG58
logo
Tyco Electronics
1-1337426-0 MACOM-1-1337426-0 Datasheet
98Kb / 1P
BNC STRAIGHT PLUG CRIMP 50 OHM
logo
Molex Electronics Ltd.
0731000015 MOLEX11-0731000015 Datasheet
30Kb / 1P
50 Ohms, BNC Right-Angle Plug, Crimp, RG-141, RG-303 and RG-58 Cable
logo
Amphenol RF.
31-4320 RF-31-4320 Datasheet
274Kb / 1P
BNC STR PLUG MIL-CRIMP (CATEGORY C) FOR RG58, 141&303 CABLE
6/1/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com