Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73042 Datasheet (PDF) - Pomona Electronics

73042 Datasheet PDF - Pomona Electronics
Part # 73042
Download  73042 Download
File Size   136.37 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG174, 188, 316

73042 Datasheet (PDF)

Go To PDF Page Download Datasheet
73042 Datasheet PDF - Pomona Electronics

Part # 73042
Download  73042 Click to download

File Size   136.37 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG174, 188, 316

73042 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 73042

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7304 COTO-7304 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Heyco.
7304 HEYCO-7304 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7304 MITUTOYO-7304 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7304 V-COIL-7304 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73040 POMONA-73040 Datasheet
87Kb / 1P
Accessory Kit for Modular & Microline Passive Oscilloscope Probes
More results


Similar Description - 73042

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72981 POMONA-72981 Datasheet
145Kb / 3P
SMB STRAIGHT PLUG CRIMP, RG174, 188, 316
72984 POMONA-72984 Datasheet
144Kb / 2P
SMB JACK STRAIGHT CRIMP, RG174, 188, 316
72988 POMONA-72988 Datasheet
145Kb / 2P
SMB PLUG R/A CRIMP, RG174, 188, 316
72992 POMONA-72992 Datasheet
172Kb / 2P
SMB JACK R/A CRIMP, RG174, 188, 316
73000 POMONA-73000 Datasheet
156Kb / 2P
SMB BULKHEAD PLUG, RG174, 188, 316
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
logo
Amphenol Corporation
031-2315-RFX AMPHENOL-031-2315-RFX Datasheet
512Kb / 1P
TNC CRIMP CRIMP PLUG FOR RG-174, 188&316 CABLE, 50 OHM
logo
Tyco Electronics
1337580 MACOM-1337580 Datasheet
182Kb / 2P
MCX STRAIGHT PLUG CRIMP 50 OHMS RG174, 188, 316, URM95, KX3B, 22A
1-1337426-0 MACOM-1-1337426-0 Datasheet
98Kb / 1P
BNC STRAIGHT PLUG CRIMP 50 OHM
logo
Molex Electronics Ltd.
0733660022 MOLEX11-0733660022 Datasheet
31Kb / 1P
50 Ohm MCX Plug, Crimp, RG-174, RG-188 and RG-316 Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com