Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73000 Datasheet (PDF) - Pomona Electronics

73000 Datasheet PDF - Pomona Electronics
Part # 73000
Download  73000 Download
File Size   156.68 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description SMB BULKHEAD PLUG, RG174, 188, 316

73000 Datasheet (PDF)

Go To PDF Page Download Datasheet
73000 Datasheet PDF - Pomona Electronics

Part # 73000
Download  73000 Click to download

File Size   156.68 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description SMB BULKHEAD PLUG, RG174, 188, 316

73000 Datasheet (HTML) - Pomona Electronics


73000 Product details

Snap-on coupling and small size for fast connect and disconnect.

Features
• DC - 4 GHz bandwidth.
• Meets MIL-C-39012, IEC 60169-1Q, BS9210N0007, NFC93650, CECC 22130.
• Small size and durability for RF coaxial applications.
• Precision machined and gold-plated for low loss.




Similar Part No. - 73000

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
73000 PRESTO-73000 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Wixroyd Group Ltd
73000 WIXROYD-73000 Datasheet
249Kb / 1P
Ball Knobs - Plastic
73000.W0016 WIXROYD-73000.W0016 Datasheet
249Kb / 1P
Ball Knobs - Plastic
73000.W0020 WIXROYD-73000.W0020 Datasheet
249Kb / 1P
Ball Knobs - Plastic
73000.W0025 WIXROYD-73000.W0025 Datasheet
249Kb / 1P
Ball Knobs - Plastic
More results


Similar Description - 73000

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72981 POMONA-72981 Datasheet
145Kb / 3P
SMB STRAIGHT PLUG CRIMP, RG174, 188, 316
72984 POMONA-72984 Datasheet
144Kb / 2P
SMB JACK STRAIGHT CRIMP, RG174, 188, 316
72988 POMONA-72988 Datasheet
145Kb / 2P
SMB PLUG R/A CRIMP, RG174, 188, 316
72992 POMONA-72992 Datasheet
172Kb / 2P
SMB JACK R/A CRIMP, RG174, 188, 316
73023 POMONA-73023 Datasheet
148Kb / 2P
MMCX PLUG STRAIGHT CRIMP, RG174, 316
73042 POMONA-73042 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG174, 188, 316
logo
Tyco Electronics
1337580 MACOM-1337580 Datasheet
182Kb / 2P
MCX STRAIGHT PLUG CRIMP 50 OHMS RG174, 188, 316, URM95, KX3B, 22A
logo
Rosenberger Hochfrequen...
59S601-200L5 ROSENBERGER-59S601-200L5 Datasheet
40Kb / 2P
SMB BULKHEAD PLUG
59S602-200L5 ROSENBERGER-59S602-200L5 Datasheet
39Kb / 2P
SMB BULKHEAD PLUG
logo
Molex Electronics Ltd.
0734040710 MOLEX-0734040710_V01 Datasheet
27Kb / 1P
50 Ohms, SMB Plug, RG-174, RG-188 and RG-316 Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com