Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73056 Datasheet (PDF) - Pomona Electronics

73056 Datasheet PDF - Pomona Electronics
Part # 73056
Download  73056 Download
File Size   134.03 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description TNC Plug, 50 Ohm, Crimp Type, RG58, 141

73056 Datasheet (PDF)

Go To PDF Page Download Datasheet
73056 Datasheet PDF - Pomona Electronics

Part # 73056
Download  73056 Click to download

File Size   134.03 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description TNC Plug, 50 Ohm, Crimp Type, RG58, 141

73056 Datasheet (HTML) - Pomona Electronics


73056 Product details

Features
• DC – 11GHz bandwidth.
• Connectors are precision machined.
• Meets interface requirements MIL-C-39012.
• Connector accepts cable types RG/U: 58, 141




Similar Part No. - 73056

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7305 GILWAY-7305 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
7305 HEYCO-7305 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7305 MITUTOYO-7305 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7305 V-COIL-7305 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
More results


Similar Description - 73056

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73054 POMONA-73054 Datasheet
139Kb / 2P
TNC Right-Angle Plug, 50 Ohm, Crimp Type, RG55, 142, 223, 400
73057 POMONA-73057 Datasheet
142Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG59, 62
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
logo
Amphenol Corporation
031-2315-RFX AMPHENOL-031-2315-RFX Datasheet
512Kb / 1P
TNC CRIMP CRIMP PLUG FOR RG-174, 188&316 CABLE, 50 OHM
logo
Molex Electronics Ltd.
0734040548 MOLEX11-0734040548 Datasheet
67Kb / 1P
50 Ohms, FAKRA/SMB Straight Plug Crimp RG-141
0732160810 MOLEX11-0732160810 Datasheet
29Kb / 1P
50 Ohms, TNC Straight Plug, Polarized, Crimp, RG-141, RG-303 and RG-58 Cable
0732190023 MOLEX11-0732190023 Datasheet
28Kb / 1P
50 Ohms, TNC Straight Plug, Crimp, RG-141, RG-303 and RG-58 Cable
0732190023 MOLEX-0732190023_V01 Datasheet
59Kb / 1P
50 Ohms, TNC Straight Plug, Crimp, RG-141, RG-303 and RG-58 Cable
logo
Amphenol RF.
31-4320 RF-31-4320 Datasheet
274Kb / 1P
BNC STR PLUG MIL-CRIMP (CATEGORY C) FOR RG58, 141&303 CABLE
6/1/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com