Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73062 Datasheet (PDF) - Pomona Electronics

73062 Datasheet PDF - Pomona Electronics
Part # 73062
Download  73062 Download
File Size   142.69 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description N Type Plug, 50 Ohm, Clamp Type, RG8, 9, 144, 165, 213, 214, 216, 225

73062 Datasheet (PDF)

Go To PDF Page Download Datasheet
73062 Datasheet PDF - Pomona Electronics

Part # 73062
Download  73062 Click to download

File Size   142.69 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description N Type Plug, 50 Ohm, Clamp Type, RG8, 9, 144, 165, 213, 214, 216, 225

73062 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 73062

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7306 GILWAY-7306 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
V-COIL THREAD SYSTEM
7306 V-COIL-7306 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Presto International UK...
73060 PRESTO-73060 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Pomona Electronics
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
73063 POMONA-73063 Datasheet
122Kb / 1P
MMCX Plug to MMCX Plug, RG316/U
More results


Similar Description - 73062

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73043 POMONA-73043 Datasheet
136Kb / 2P
BNC Plug, 50 Ohm, Crimp Type, RG8, 9, 11, 213, 214
73048 POMONA-73048 Datasheet
140Kb / 2P
N Type Right-Angle Plug, 50 Ohm, Clamp Type, RG214, 225, 393
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73051 POMONA-73051 Datasheet
139Kb / 2P
N Type Plug, 50 Ohm, Clamp Type, RG8, 213
73052 POMONA-73052 Datasheet
123Kb / 2P
N Type Plug, 50 Ohm, Crimp Type, Semi-Rigid 402
73059 POMONA-73059 Datasheet
137Kb / 2P
UHF Plug, Clamp Type, RG8, 9, 11, 63, 87A, 213, 214, 225
logo
Winchester Electronics ...
1205-64-3 WINCHESTER-1205-64-3 Datasheet
108Kb / 1P
FOR USE WITH RG-8, 9, 213 & 214/U CABLE GROUPS
logo
Molex Electronics Ltd.
0732565003 MOLEX11-0732565003 Datasheet
28Kb / 1P
50 Ohms, N Straight Plug, Clamp, RG-8 and RG-213 Cable
logo
CRYSTEK CORPORATION
CS-NM-MHB CRYSTEKMICROWAVE-CS-NM-MHB Datasheet
93Kb / 2P
Type N Plug, Solder Clamp
logo
Molex Electronics Ltd.
0732565003 MOLEX-0732565003_V01 Datasheet
29Kb / 1P
50 Ohms, N Straight Plug, Clamp, RG-8 and RG-213 Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com