Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9888 Datasheet (PDF) - Belden Inc.

9888 Datasheet PDF - Belden Inc.
Part # 9888
Download  9888 Download
File Size   151.04 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 50Ω RG-8/U Type, #11 Str BC, FPE Ins, BC Braid, PE inner Jkt, BC Brd, PE Jkt

9888 Datasheet (PDF)

Go To PDF Page Download Datasheet
9888 Datasheet PDF - Belden Inc.

Part # 9888
Download  9888 Click to download

File Size   151.04 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 50Ω RG-8/U Type, #11 Str BC, FPE Ins, BC Braid, PE inner Jkt, BC Brd, PE Jkt

9888 Datasheet (HTML) - Belden Inc.


9888 Product details

Product Description
Triax 50Ω RG-8/U Type, 11 AWG (7x19) bare copper conductor, foam polyethylene insulation, bare copper braid shield (95%), PE Insulation, Bare Copper
Braid (80%), polyethylene jacket




Similar Part No. - 9888

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9888C ALPHAWIRE-9888C Datasheet
106Kb / 4P
Customer Specification
More results


Similar Description - 9888

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
123079A BELDEN-123079A Datasheet
145Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP
04-14-2023
123079E BELDEN-123079E Datasheet
139Kb / 2P
Profibus, 1 Pr #22 Str BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP
05-05-2023
YE00905 BELDEN-YE00905 Datasheet
153Kb / 2P
KNX, 1PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca
03-14-2023
YE00906 BELDEN-YE00906 Datasheet
167Kb / 2P
KNX, 2PR 0.8mm Sol BC, PE ins, OS, LSNH Jkt, Eca
03-14-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com