Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD235 Datasheet (PDF) - Qorvo, Inc

CMD235 Datasheet PDF - Qorvo, Inc
Part # CMD235
Download  CMD235 Download
File Size   478.1 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC-18 GHz SP5T Switch

CMD235 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMD235 Datasheet PDF - Qorvo, Inc

Part # CMD235
Download  CMD235 Click to download

File Size   478.1 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC-18 GHz SP5T Switch

CMD235 Datasheet (HTML) - Qorvo, Inc


CMD235 Product details

Key Features
• Broadband design: DC to 18 GHz
• Low insertion loss of 2.2 dB at 10 GHz
• High isolation of 30 to 50 dB at 10 GHz
• Non-reflective design
• Integrated 3:8 TTL decoder
• All OFF state included
Performance is typical across frequency. Please
reference electrical specification table and data plots
for more details.




Similar Part No. - CMD235

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD235C4 MMIC-CMD235C4 Datasheet
271Kb / 8P
DC-18 GHz SP5T Non-reflective Switch
logo
Qorvo, Inc
CMD235C4 QORVO-CMD235C4 Datasheet
350Kb / 10P
DC-18 GHz SP5T Non-reflective Switch
Rev. A, May 19, 2022
CMD235C4-EVB QORVO-CMD235C4-EVB Datasheet
350Kb / 10P
DC-18 GHz SP5T Non-reflective Switch
Rev. A, May 19, 2022
More results


Similar Description - CMD235

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW52216 DAICO-CSW52216 Datasheet
161Kb / 1P
Switch SP5T
CSWM9096 DAICO-CSWM9096 Datasheet
191Kb / 1P
Switch SP5T
DSW52179 DAICO-DSW52179 Datasheet
157Kb / 1P
Switch SP5T
DSW56178 DAICO-DSW56178 Datasheet
188Kb / 1P
Switch SP5T
logo
Spectrum Microwave, Inc...
310-021005-001 SPECTRUM-310-021005-001 Datasheet
117Kb / 1P
SP5T SWITCH
logo
M/A-COM Technology Solu...
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
API Technologies Corp
310-021005-001 APITECH-310-021005-001 Datasheet
229Kb / 1P
SP5T SWITCH
logo
Skyworks Solutions Inc.
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
0.1 to 3.8 GHz SP5T Antenna Switch
logo
Custom MMIC Design Serv...
CMD235C4 MMIC-CMD235C4 Datasheet
271Kb / 8P
DC-18 GHz SP5T Non-reflective Switch
logo
Analog Devices
ADRF5250 AD-ADRF5250 Datasheet
460Kb / 15P
0.1 GHz to 6 GHz Silicon SP5T Switch
6/2017-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com