Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-010351 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-010351 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-010351
Download  MASW-010351 Download
File Size   179.17 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz

MASW-010351 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-010351 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-010351
Download  MASW-010351 Click to download

File Size   179.17 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz

MASW-010351 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-010351 Product details

Description

The MASW-010351 is an industry leading high isolation single pole five throw (SP5T) switch. This device design is optimized to take advantage of separate GaAs pHEMT switch die and CMOS driver die. The switch circuit design is symmetric and combined with the separate CMOS decoder allows it to maintain an excellent combination of insertion loss and isolation for all states.



Features

 Isolation: 51 dB @ 2.1 GHz

 Insertion Loss: 1.0 dB @ 2.1 GHz

 Input IP3: 50 dBm Typical @ 2.1 GHz

 Integral CMOS 3:5 Decoder, Only 3 Control Pins

 Low Gate Lag for timing sensitive applications

 6 States: 5 ON paths and All-Off State

 50 ΩTerminated Outputs (Off-State)

 Lead-Free 4 mm 24-Lead PQFN package

 RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASW-010351

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
SP5T High Isolation Terminated Switch
logo
List of Unclassifed Man...
MASW-010351-001SMB ETC1-MASW-010351-001SMB Datasheet
185Kb / 5P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010351-001SMB MA-COM-MASW-010351-001SMB Datasheet
766Kb / 5P
SP5T High Isolation Terminated Switch
logo
List of Unclassifed Man...
MASW-010351-TR3000 ETC1-MASW-010351-TR3000 Datasheet
185Kb / 5P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
More results


Similar Description - MASW-010351

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz Integral CMOS Decoder
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
SP5T High Isolation Terminated Switch
MASW-010351 MA-COM-MASW-010351_15 Datasheet
766Kb / 5P
SP5T High Isolation Terminated Switch
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com