Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0178 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0178 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0178
Download  MASWSS0178 Download
File Size   84.96 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz

MASWSS0178 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0178 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0178
Download  MASWSS0178 Click to download

File Size   84.96 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz

MASWSS0178 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0178 Product details

Description
The MASWSS0178 GaAs monolithic switch provides high isolation in a lead-free, plastic surface mount package.
The MASWSS0178 is ideal for applications across a broad range of frequencies including synthesizer switching, transmit / receive switching, switch matrices and filter banks in systems such as radio and cellular equipment, PCS, GPS, and fiber optic modules.

Features
• Positive Voltage Control: 0 / +5 V
• High Isolation: 55 dB @ 0.9 GHz
                          50 dB @ 1.9 GHz
• 50 Ω Internal Terminations
• Low Insertion Loss: 0.6 dB @ 0.9 GHz 
                                  0.7 dB @ 1.9 GHz
• Lead-Free MSOP-8-EP Package
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0024




Similar Part No. - MASWSS0178

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
Tyco Electronics
MASWSS0178SMB MACOM-MASWSS0178SMB Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Similar Description - MASWSS0178

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com