Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008543 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-008543 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-008543
Download  MASW-008543 Download
File Size   175.62 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPDT High Isolation Terminated Switch 0.01- 4.0 GHz

MASW-008543 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008543 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-008543
Download  MASW-008543 Click to download

File Size   175.62 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPDT High Isolation Terminated Switch 0.01- 4.0 GHz

MASW-008543 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-008543 Product details

Description
The MASW-008543 GaAs monolithic switch provides high isolation in a lead-free, plastic surface mount package. This device is ideal for applications across a broad range of frequencies.
MACOM fabricates the MASW-008543 using a 0.5-micron gate length pHEMT process. The process features full chip passivation for performance and reliability.

Features
• Positive Voltage Control
• High Isolation:
    62 dB @ 1 GHz
    65 dB @ 2 GHz
• Low Insertion Loss:
    0.65 dB @ 1 GHz
    0.70 dB @ 2 GHz
• 50 Ω Internal Terminations
• Fast Settling for Low Gate Lag requirements
• Lead-Free MSOP-8-EP Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASW-008543

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543 Datasheet
698Kb / 5P
SPDT High Isolation Terminated Switch
MASW-008543-000000 MA-COM-MASW-008543-000000 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASW-008543-001SMB MA-COM-MASW-008543-001SMB Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASW-008543-TR3000 MA-COM-MASW-008543-TR3000 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
More results


Similar Description - MASW-008543

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASW-008543_V2 MA-COM-MASW-008543_V2 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz Integral CMOS Decoder
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com