Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000-104 Datasheet (PDF) - Qorvo, Inc

ACT41000-104 Datasheet PDF - Qorvo, Inc
Part # ACT41000-104
Download  ACT41000-104 Download
File Size   2202.25 Kbytes
Page   72 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator

ACT41000-104 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT41000-104 Datasheet PDF - Qorvo, Inc

Part # ACT41000-104
Download  ACT41000-104 Click to download

File Size   2202.25 Kbytes
Page   72 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator

ACT41000-104 Datasheet (HTML) - Qorvo, Inc


ACT41000-104 Product details

Key Features
• 4.5 V to 40 V Operational Input Voltage
• Programmable Output with Factory Defaults
Output Voltage: 3 V to 24 V in 12.5 mV Step
Output Current (Limit): Up to 4 A in 15.6 mA Step
• 450 kHz to 2.25 MHz Fixed-Frequency Current-Mode,
with External Clock Sync. and Spread-Spectrum
• 5 V / 350 mA Self-Bias Buck Converter with
• 20 mA AUX LDO, Programmable Output Voltage
• I2C Interface, Fast-mode Plus (Fm+, 1 MHz)
• Protections:
UVLO, OVP, UVP (Hiccup/Latch-off), OCP, TSD
• Thermally Enhanced 5 mm × 5 mm QFN Package
• Automotive AEC-Q100 Options Available
(Contact Qorvo for conditions of AEC-Q100 options.)




Similar Part No. - ACT41000-104

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT410 ACTIVE-SEMI-ACT410 Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
ACT410US-T ACTIVE-SEMI-ACT410US-T Datasheet
191Kb / 4P
ActivePSR Quasi-Resonant PWM Controller
06-Dec-12
ACT410US-T ACTIVE-SEMI-ACT410US-T Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
ACT410 ACTIVE-SEMI-ACT410_14 Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
More results


Similar Description - ACT41000-104

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777 Datasheet
270Kb / 24P
Low Noise Step-Down Switching Regulator
logo
Maxim Integrated Produc...
ICL7663 MAXIM-ICL7663 Datasheet
349Kb / 8P
Programmable Positive Voltage Regulator
19-0961; Rev 1; 4/94
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
STEP UP & DOWN VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Linear Technology
LT1777 LINER-LT1777_15 Datasheet
285Kb / 24P
Low Noise Step-Down Switching Regulator
logo
Skyworks Solutions Inc.
AAT2522 SKYWORKS-AAT2522 Datasheet
3Mb / 19P
Dual High-Current, Low-Noise, Step-Down Regulator
logo
Analog Devices
ADP2389 AD-ADP2389 Datasheet
776Kb / 23P
18 V, 12 A Step-Down Regulator with Programmable Current Limit
REV. 0
logo
Maxim Integrated Produc...
MAX1843 MAXIM-MAX1843_V01 Datasheet
850Kb / 13P
2.7A, 1MHz, Low-Voltage, Step-Down Regulator
2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com