Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC2511SR Datasheet (PDF) - Qorvo, Inc

QPC2511SR Datasheet PDF - Qorvo, Inc
Part # QPC2511SR
Download  QPC2511SR Download
File Size   1361.21 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2.0 – 11.0 GHz 30W GaN SP3T Switch

QPC2511SR Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC2511SR Datasheet PDF - Qorvo, Inc

Part # QPC2511SR
Download  QPC2511SR Click to download

File Size   1361.21 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2.0 – 11.0 GHz 30W GaN SP3T Switch

QPC2511SR Datasheet (HTML) - Qorvo, Inc


QPC2511SR Product details

Key Features
• SP3T
• Frequency Range: 2.0 – 11.0 GHz
• Input Power for Wideband Receive: 10 W
• Input Power for S and X Bands Transmit: 30 W
• Insertion Loss: 1.5 dB Typical
• Isolation: 20 dB Typical
• Switching Speed: < 50 ns
• Control Voltages: 0 V/−30 V
• Package Dimensions: 4 x 4 x 1.48 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots
for more details.




Similar Part No. - QPC2511SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC2040 QORVO-QPC2040 Datasheet
970Kb / 18P
X-Band 10 W GaN SPDT Switch
Rev C. Nov. 23, 2021
QPC2040EVB01 QORVO-QPC2040EVB01 Datasheet
970Kb / 18P
X-Band 10 W GaN SPDT Switch
Rev C. Nov. 23, 2021
QPC2040SR QORVO-QPC2040SR Datasheet
970Kb / 18P
X-Band 10 W GaN SPDT Switch
Rev C. Nov. 23, 2021
logo
TriQuint Semiconductor
QPC2108 TRIQUINT-QPC2108 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
QPC2108 QORVO-QPC2108 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
March 25, 2017
More results


Similar Description - QPC2511SR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
6-12 GHz 30W GaN Power Amplifier
QPC1006 TRIQUINT-QPC1006 Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
logo
Qorvo, Inc
QPB1024 QORVO-QPB1024 Datasheet
664Kb / 10P
8.0 ??11.0 GHz X-Band GaN SSPA
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
6-12 GHz 30W GaN Power Amplifier
QPA1010 QORVO-QPA1010 Datasheet
1Mb / 26P
zzzzzzzzz7.9 ??11.0 GHz 15 W GaN Power Amplifier
May 2021
QPA1010D QORVO-QPA1010D Datasheet
1Mb / 26P
7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021
QPA1011D QORVO-QPA1011D Datasheet
982Kb / 26P
7.9 ??11.0 GHz 25 W GaN Power Amplifier
May 2021
logo
WOLFSPEED, INC.
CMPA901A035F WOLFSPEED-CMPA901A035F Datasheet
1Mb / 22P
35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com