Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2177A Datasheet (PDF) - Belden Inc.

2177A Datasheet PDF - Belden Inc.
Part # 2177A
Download  2177A Download
File Size   154.51 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 5 Serial Digital Coax, RG7, 16 AWG BC, Shielded, CMR

2177A Datasheet (PDF)

Go To PDF Page Download Datasheet
2177A Datasheet PDF - Belden Inc.

Part # 2177A
Download  2177A Click to download

File Size   154.51 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 5 Serial Digital Coax, RG7, 16 AWG BC, Shielded, CMR

2177A Datasheet (HTML) - Belden Inc.


2177A Product details

Product Description
Low Loss Serial Digital Coax, 5 Coax, RG-7 Type 16 AWG solid bare copper conductor, gas-injected foamed high-density polyethylene insulation, Duofoil®
tinned copper braid shield (95% coverage) plus Beldfoil® with shorting fold, PVC jacket.




Similar Part No. - 2177A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2177 ALPHAWIRE-2177 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
Abbatron All Rights Res...
2177 ABBATRON-2177 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2177 ADAFRUIT-2177 Datasheet
98Kb / 2P
5mm Chromed Metal Wide Convex Bevel LED Holder - Pack of 5
5-5-17
logo
Sumida Corporation
2177-T074 SUMIDA-2177-T074 Datasheet
67Kb / 2P
IFT Coils < Pin Type: PG Series>
logo
TE Connectivity Ltd
2177018-1 TEC-2177018-1 Datasheet
748Kb / 11P
AMP MCP 6.3/4.8K CONTACT SYSTEM AMP MCP 6.3/4.8K Kontaktsystem
More results


Similar Description - 2177A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1694A BELDEN-1694A Datasheet
251Kb / 4P
Serial Digital Coax, RG6 Type, #18 Solid BC, Duofoil짰 95% TC braid, CMR
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
5201FE BELDEN-5201FE Datasheet
147Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, Shielded, CMR
04-28-2023
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5201UE BELDEN-5201UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, CMR
04-28-2023
5200FE BELDEN-5200FE Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, Shielded, CMR
04-13-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com