Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM6204 Datasheet (PDF) - Shaanxi Reactor Microelectronics Co., Ltd.

RM6204 Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Part # RM6204
Download  RM6204 Download
File Size   315.15 Kbytes
Page   7 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description Built-in 700V high-pressure transistor

RM6204 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM6204 Datasheet PDF - Shaanxi  Reactor  Microelectronics  Co., Ltd.

Part # RM6204
Download  RM6204 Click to download

File Size   315.15 Kbytes
Page   7 Pages
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.
Description Built-in 700V high-pressure transistor

RM6204 Datasheet (HTML) - Shaanxi Reactor Microelectronics Co., Ltd.


RM6204 Product details

■ Built-in 700V high-pressure transistor;
■Application circuit design is simple, few components;
■ Built-in lock pulse width modulation and pulse-by-pulse current detection technology;
■Low voltage drop frequency and standby power consumption less than 0.3W;
■Built-in slope compensation and feedback compensation function;
■Built-in independent upper limit current detection circuit, real-time processing of overcurrent
or overloaded;
■ Turn off the periodic power tube emitter bias output to increase power
The pressure resistance value of the tube;
■Built-in over-temperature protection function;
■By the amplification of the switching power tube to complete the start-up, start-up
The power consumption of the resistance is reduced by more than 10 times;
■VCC foot overpressure protection function;
■ Wide voltage continuous output 12W, narrow voltage continuous output 15W;
Peak power up to 18W;

Application area
■ Adapters (travel chargers, external power supplies, etc.);
■ Open power supply (DVB/DVD power supply, etc.);
■ LED lighting;
■ ENERGY STAR-compliant power supply applications (induction furnaces, microwaves)
Furnaces, etc.)




Similar Part No. - RM6204

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
High Performance Current Mode PWM Switching Power Supply controller
More results


Similar Description - RM6204

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144VUA ROHM-DTA144VUA Datasheet
57Kb / 1P
Digital transistor (built-in resistors)
DTC123TKA ROHM-DTC123TKA Datasheet
70Kb / 3P
Digital transistor (built-in resistor)
DTA144VKA ROHM-DTA144VKA Datasheet
51Kb / 3P
Digital transistor (built-in resistors)
DTD122JK ROHM-DTD122JK Datasheet
64Kb / 3P
Digital transistor (built-in resistors)
logo
Panasonic Semiconductor
ADP51B62A01 PANASONIC-ADP51B62A01 Datasheet
189Kb / 9P
Pressure sensor Built-in amplifier and compensating circuit
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW Datasheet
483Kb / 8P
Built-in Resistors Transistor
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
Built-in Resistors Transistor
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
logo
SIFIRST TECHNOLOGIES NA...
SF6021 SIFIRST-SF6021 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com