Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2800S Datasheet (PDF) - Hotchip Technology Co.,Ltd

HT2800S Datasheet PDF - Hotchip Technology Co.,Ltd
Part # HT2800S
Download  HT2800S Download
File Size   977.25 Kbytes
Page   6 Pages
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd
Description Built- in 700V power BJT

HT2800S Datasheet (PDF)

Go To PDF Page Download Datasheet
HT2800S Datasheet PDF - Hotchip Technology Co.,Ltd

Part # HT2800S
Download  HT2800S Click to download

File Size   977.25 Kbytes
Page   6 Pages
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd
Description Built- in 700V power BJT

HT2800S Datasheet (HTML) - Hotchip Technology Co.,Ltd




Similar Part No. - HT2800S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
logo
HYES Optoelectronics, I...
HT2801UL HYES-HT2801UL Datasheet
797Kb / 25P
LCD MODULE (240 횞 RGB 횞 320)
logo
Hotchip Technology Co.,...
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
More results


Similar Description - HT2800S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
logo
SIFIRST TECHNOLOGIES NA...
SF5938S SIFIRST-SF5938S Datasheet
100Kb / 2P
Built-in 600V Power MOSFET
SF6021 SIFIRST-SF6021 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6772S SIFIRST-SF6772S Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6773V SIFIRST-SF6773V Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6778S SIFIRST-SF6778S Datasheet
87Kb / 2P
Built-in 600V Power MOSFET
logo
Qorvo, Inc
TGA4509 QORVO-TGA4509 Datasheet
284Kb / 8P
Built-in Power Detector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com