Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2800S Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT2800S
Description  Built- in 700V power BJT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2800S Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT2800S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HT2800S
2/6
High Performance Primary Sensing Regulation Controller IC
www.hotchip.com.cn
Ver1.0
Pin Configuration
HT2800S is provided with SOP- 7 Package shown as below:
Pin Configuration
Pin #
Pin
Name
Description
1
VCC
Power supplying pin of the controller,
In order to let the controller gain more
Stable supply voltage, the external filter capacitor must use low equivalent im
-pedance (Low ESR) of the electrolytic
capacitor .
2
FB
Output feedback pin, to detect the output condition through the auxiliary wind
-ing voltage of the transformer
3
CPC
To connect with a 100+nf capacitor, the pin will become output cable drop
compensation pin
4
CS
Connect external primary current sensing resistor RCS, the controller can
detect the
primary current through the external sense
resistor. When the
voltage on the resistor achieves the maximum value, the
internal power
BJT will be turn off immediately
5- 6
HV
To connect the collector of internal power BJT
7
GND
The referring grounding pin of the controller
Internal Function Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com