Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2800S Datasheet(PDF) 4 Page - Hotchip Technology Co.,Ltd

Part # HT2800S
Description  Built- in 700V power BJT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2800S Datasheet(HTML) 4 Page - Hotchip Technology Co.,Ltd

  HT2800S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2800S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HT2800S
4/6
High Performance Primary Sensing Regulation Controller IC
www.hotchip.com.cn
Ver1.0
Function Description
HT2800S is specially designed for the charger/adapter of small power digital products. To use
PSR control technology to provide accurate (CV/CC) characteristics. The controller works in PFM
mode and the switching frequency can be automatically adjusted as per the load. Optimized
driving
circuit greatly promotes withstand voltage of the power BJT and minimizes the switching
loss, so as to make the circuit have excellent converting efficiency
Constant Voltage Operation (CV)
When the circuit is operates in CV area, FB will detect the output voltage when the power BJT
turn-off through the sensing voltage by auxiliary winding of the transformer, to make the output
voltage stabilized in the fixed value. In the turn-on period of the output rectifier diode D, it's given
the output winding voltage and auxiliary winding voltage as follows
(W here Vaux : auxiliary winding voltage; Nb:subsidiary
winding turns; NS:
output winding turns;
Vd:forward voltage drop of output rectifier diode)
FB will test the auxiliary winding voltage while the power BJT off-time to regulate the output
voltage. In order to avoid the peak influence happens in power BJT turn-off resulting from the
leakage inductance of the transformer, and considering the accuracy of sampling voltage, FB
captures the auxiliary
winding detection sampling points as below:
Constant Current Operation (CC)
HT2800S CC control circuit is requested the converter to operate in DCM. In CC operation
mode, control circuit will fix the proportion between the Tons and Toffs generated by rectifier
Diode. During Tons time, the primary energy of the transformer will be converted to the secondary
winding, via the rectifier diode then charge the output capacitor and supply load simultaneously.
During Toffs period, the primary coil stores the energy, the output filter capacitor makes load
discharge. In CC operation area, HT2800S switch frequency will follow the output load direct
ratio control detected by FB Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com